Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34-08961 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 34-08961
Description  Used to strap coaxial and telephone cable to strand
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

34-08961 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  34-08961 Datasheet HTML 1Page - List of Unclassifed Manufacturers 34-08961 Datasheet HTML 2Page - List of Unclassifed Manufacturers 34-08961 Datasheet HTML 3Page - List of Unclassifed Manufacturers 34-08961 Datasheet HTML 4Page - List of Unclassifed Manufacturers 34-08961 Datasheet HTML 5Page - List of Unclassifed Manufacturers 34-08961 Datasheet HTML 6Page - List of Unclassifed Manufacturers 34-08961 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
27
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Construction Hardware
Tap Brackets, Support Brackets
Tap Bracket - Horizontal Mount
Tap bracket used to secure a tap to the steel strand.
Firm and positive grip with no rotation or sliding on steel strand.
Stopper at multi-tap attachment.
Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
SC23PS-2
2" Horizontal Mount
--
32
SC23PS-3
3" Horizontal Mount
--
32
SC23PS-4
4" Horizontal Mount
--
32
SC23PS4-C
4" Horizontal Mount - Canada
--
32
Strand Hanger Support Bracket
Used in mid-span or next to tap application.
In high risk theft areas, makes it more difficult to tamper with the traps.
Support up to 4 trap shields (up to 16 traps).
Mechanically galvanized ASTM B695.
Can also be supplied with a coated top shield aluminum bracket.
Part Number
Description
Inner
Pack
Outer
Pack
SC73-1F
Strand Hanger Support Bracket
--
32
Construction
Hardware


Similar Part No. - 34-08961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34-08052 ETC2-34-08052 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08053 ETC2-34-08053 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08057 ETC2-34-08057 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08058 ETC2-34-08058 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08059 ETC2-34-08059 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - 34-08961

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
69127-1170 MOLEX11-69127-1170 Datasheet
59Kb / 1P
   This sensor is used to detect cable insertion and trigger termination
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
API Technologies Corp
6707 APITECH-6707 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6706 APITECH-6706 Datasheet
145Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6806 APITECH-6806 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6808 APITECH-6808 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6708 APITECH-6708 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
   Waveguide to Coaxial Adapter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com