Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34-08932 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 34-08932
Description  Used to strap coaxial and telephone cable to strand
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

34-08932 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  34-08932 Datasheet HTML 1Page - List of Unclassifed Manufacturers 34-08932 Datasheet HTML 2Page - List of Unclassifed Manufacturers 34-08932 Datasheet HTML 3Page - List of Unclassifed Manufacturers 34-08932 Datasheet HTML 4Page - List of Unclassifed Manufacturers 34-08932 Datasheet HTML 5Page - List of Unclassifed Manufacturers 34-08932 Datasheet HTML 6Page - List of Unclassifed Manufacturers 34-08932 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
22
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Construction Hardware
Lashed Cable Supports
Lashed Cable Supports
Used to strap coaxial and telephone cable to strand.
Available in 430 stainless steel or special zinc alloy in 3/4”width.
Edges are processed to remove raised and projecting metal. Edges are smooth and
free from burrs.
Part Number
Length
Diameter
Bundle
Circumference
Inner
Pack
Outer
Pack
Zinc
Stainless Steel
34-08911
34-08912
10"
1.2"
3.8"
--
500
34-08921
34-08922
16"
2"
6.3"
--
500
34-08931
34-08932
22"
3"
9.4"
--
300
34-08941
34-08942
28"
4"
12.6"
--
300
34-08951
34-08952
34"
5"
15.7"
--
300
*
34-08956
45"
6.5"
20.4"
--
200
34-08961
*
50"
7.5"
23.6"
--
200
*
34-08972
66"
10.0"
31.4"
--
200
*
3408972-SP
66"
10.0"
31.4"
--
200
Installation:
1. Measure diameter or circumference of
bundle. Use table to determine strap
length.
2. Thread strap through spacer slot.
3. Wrap strap around bundle (strand,
spacer, cables) then through buckle
twice, pulling eachwrap tight.
4. Strap end should be doubled under itself
(about 1.5”) before making final pass
through buckle. Trim off excess.
5. Bend doubled thickness over top of
buckle to prevent unravelling.
Note:
In cable TV installation, straps should
not be too tight as they may restrict
cable movement during contraction and
expansion and possibly damage cable.
1
2
3
4
5
* Ask PPC/Belden Representative.


Similar Part No. - 34-08932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34-08052 ETC2-34-08052 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08053 ETC2-34-08053 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08057 ETC2-34-08057 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08058 ETC2-34-08058 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
34-08059 ETC2-34-08059 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - 34-08932

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
69127-1170 MOLEX11-69127-1170 Datasheet
59Kb / 1P
   This sensor is used to detect cable insertion and trigger termination
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
API Technologies Corp
6707 APITECH-6707 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6706 APITECH-6706 Datasheet
145Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6806 APITECH-6806 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6808 APITECH-6808 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6708 APITECH-6708 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
   Waveguide to Coaxial Adapter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com