Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40004 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS40004
Description  LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40004 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40004 Datasheet HTML 1Page - Texas Instruments TPS40004 Datasheet HTML 2Page - Texas Instruments TPS40004 Datasheet HTML 3Page - Texas Instruments TPS40004 Datasheet HTML 4Page - Texas Instruments TPS40004 Datasheet HTML 5Page - Texas Instruments TPS40004 Datasheet HTML 6Page - Texas Instruments TPS40004 Datasheet HTML 7Page - Texas Instruments TPS40004 Datasheet HTML 8Page - Texas Instruments TPS40004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507C − JANUARY 2002 − REVISED JUNE 2004
2
www.ti.com
DESCRIPTION (continued)
The current-limit threshold is adjustable with a single resistor connected to the device. The TPS4000x
controllers implement a closed-loop soft start function. Startup ramp time is set by a single external capacitor
connected to the SS/SD pin. The SS/SD pin is also used for shutdown.
ORDERING INFORMATION
PACKAGED DEVICES MSOP(2) (DGQ)
APPLICATION
TA
FREQUENCY
SOURCE
ONLY
SOURCE/SINK
WITH PREBIAS(3)
SOURCE/SINK(3)
−40
°C to 85°C
300 kHz
TPS40000DGQ
TPS40001DGQ
TPS40004DGQ
−40
°C to 85°C
600 kHz
TPS40002DGQ
TPS40003DGQ
TPS40005DGQ
(2)
The DGQ package is available taped and reeled. Add R suffix to device type (e.g.
TPS40000DGQR) to order quantities of 2,500 devices per reel and 80 units per tube.
(3)
See Application Information section, p. 8.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS4000x
UNIT
BOOT
VSW + 6.5
COMP, FB, ILIM, SS/SD
−0.3 to 6
Input voltage range, VIN
SW
−0.7 to 10.5
V
Input voltage range, VIN
SWT (SW transient < 50 ns)
−2.5
V
VDD
6
Operating junction temperature range, TJ
−40 to 150
Storage temperature, Tstg
−55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions”
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ACTUAL SIZE
3,05mm x 4,98mm
1
2
3
4
5
10
9
8
7
6
ILIM
FB
COMP
SS/SD
GND
BOOT
HDRV
SW
VDD
LDRV
DGQ PACKAGE(4).(5)
(TOP VIEW)
(4)
See technical brief SLMA002 for PCB guidelines for PowerPAD packages.
(5)
PowerPAD
t heat slug can be connected to GND (pin 5).


Similar Part No. - TPS40004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40004 TI-TPS40004 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40004DGQ TI-TPS40004DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40004DGQ TI1-TPS40004DGQ Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40004DGQR TI1-TPS40004DGQR Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com