Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1212F0101000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1212F0101000
Description  CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1212F0101000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1212F0101000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1212F0101000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1212F0101000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT5e+ (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable, 24 AWG solid bare
copper conductors, polyolefin insulation, overall Beldfoil® shield, PVC jacket, RJ-45 compatible
Usage (Overall)
Suitable Applications:
Premise Horizontal Cable, Gigabit Ethernet, HDBaseT, 100BaseTX, 100BaseVG ANYLAN, 155ATM,
622ATM, NTSC/PAL Component or Composite Video, AES/EBU, Digital Video, RS-422, Noisy
Environments, 100 MHz Category 5e
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
24
Solid
BC - Bare Copper
Total Number of Conductors:
8
Insulation
Insulation Material:
Insulation Material
PO - Polyolefin
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
7x32
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
0.260 in.
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +75°C
Bulk Cable Weight:
30 lbs/1000 ft.
Max. Recommended Pulling Tension:
25 lbs.
Min. Bend Radius/Minor Axis:
1 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
CEC/C(UL) Specification:
CMR
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
Page 1 of 3
02-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
1212F Multi-Conductor - Enhanced Category 5e Nonbonded-Pair Cable


Similar Part No. - 1212F0101000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1212F010A1000 BELDEN-1212F010A1000 Datasheet
163Kb / 3P
   Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
More results

Similar Description - 1212F0101000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
3612 ETC2-3612 Datasheet
110Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
1533R BELDEN-1533R Datasheet
161Kb / 3P
   Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1212F BELDEN-1212F Datasheet
163Kb / 3P
   Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
121702A BELDEN-121702A Datasheet
200Kb / 2P
   CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
2022 Belden, Inc
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
   10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com