Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40000DGQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40000DGQ
Description  LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40000DGQ Datasheet(HTML) 5 Page - Texas Instruments

  TPS40000DGQ Datasheet HTML 1Page - Texas Instruments TPS40000DGQ Datasheet HTML 2Page - Texas Instruments TPS40000DGQ Datasheet HTML 3Page - Texas Instruments TPS40000DGQ Datasheet HTML 4Page - Texas Instruments TPS40000DGQ Datasheet HTML 5Page - Texas Instruments TPS40000DGQ Datasheet HTML 6Page - Texas Instruments TPS40000DGQ Datasheet HTML 7Page - Texas Instruments TPS40000DGQ Datasheet HTML 8Page - Texas Instruments TPS40000DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507C − JANUARY 2002 − REVISED JUNE 2004
5
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating temperature range, TA = −40_C to 85_C, VDD = 5.0 V, all parameters measured at zero
power dissipation (unless otherwise noted)
output driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RHDHI
HDRV pull-up resistance
VBOOT−VSW = 3.3 V,
ISOURCE = −100 mA
3
5.5
RHDLO HDRV pull-down resistance
VBOOT − VSW = 3.3 V,
ISINK = 100 mA
1.5
3
RLDHI
LDRV pull-up resistance
VDD = 3.3 V,
ISOURCE = −100 mA
3
5.5
RLDLO
LDRV pull-down resistance
VDD = 3.3 V,
ISINK = 100 mA
1.0
2.0
tRISE
LDRV rise time
15
35
tFALL
LDRV fall time
CLOAD = 1 nF
10
25
ns
HDRV rise time
CLOAD = 1 nF
15
35
ns
HDRV fall time
10
25
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSD
Shutdown temperature(1)
165
°C
Hysteresiss(1)
15
°C
sw node
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISW
Leakage current in shutdown (1)
15
µA
(1)
Ensured by design. Not production tested.
(2)
At VDD input voltage of 2.25 V, derate the maximum duty cycle by 3%.


Similar Part No. - TPS40000DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000DGQ TI-TPS40000DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQ TI1-TPS40000DGQ Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40000DGQG4 TI-TPS40000DGQG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQG4 TI1-TPS40000DGQG4 Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40000DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com