Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3612007U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3612007U1000
Description  CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3612007U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3612007U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3612007U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3612007U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3612007U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMR
EU Directive 2011/65/EU (ROHS II):
Yes
Other Standards:
ISO/IEC 11801 ed 2.1 (2008) Class E
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/03/2009
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Telecommunications Standards:
Category 6 - TIA 568.C.2
Applicable Patents:
Country
www.belden.com/p
Flame Test
UL Flame Test:
UL1666 Vertical Riser
C(UL) Flame Test:
FT4
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
No
Suitability - Aerial:
No
Suitability - Burial:
No
Sunlight Resistance:
No
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
3613
Electrical Characteristics (Overall)
Nom. Mutual Capacitance:
Capacitance (pF/ft)
15.5
Maximum Capacitance Unbalance (pF/100 m):
330
Nominal Velocity of Propagation:
VP (%)
70.000
Maximum Delay:
Freq. (MHz) Delay (ns/100 m)
100.000
537.600
Typical Delay Skew:
Delay Skew (ns/ft)
35.000
Maximum Conductor DC Resistance:
DCR @ 20°C (Ohm/100 m)
7.700
Max. Operating Voltage - UL:
Voltage
300 V RMS
Maximum DCR Unbalanced:
DCR Unbalance @ 20°C (%)
3.000
Page 2 of 4
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3612 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cable


Similar Part No. - 3612007U1000

ManufacturerPart #DatasheetDescription
logo
Lumberg
361202 LUMBERG-361202 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
361202 LUMBERG-361202 Datasheet
634Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361203 LUMBERG-361203 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
361203 LUMBERG-361203 Datasheet
634Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361204 LUMBERG-361204 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 3612007U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
logo
List of Unclassifed Man...
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
1212 BELDEN-1212 Datasheet
174Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
   Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
4812 BELDEN-4812 Datasheet
284Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
   10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com