Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40005DGQ Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS40005DGQ
Description  LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40005DGQ Datasheet(HTML) 1 Page - Texas Instruments

  TPS40005DGQ Datasheet HTML 1Page - Texas Instruments TPS40005DGQ Datasheet HTML 2Page - Texas Instruments TPS40005DGQ Datasheet HTML 3Page - Texas Instruments TPS40005DGQ Datasheet HTML 4Page - Texas Instruments TPS40005DGQ Datasheet HTML 5Page - Texas Instruments TPS40005DGQ Datasheet HTML 6Page - Texas Instruments TPS40005DGQ Datasheet HTML 7Page - Texas Instruments TPS40005DGQ Datasheet HTML 8Page - Texas Instruments TPS40005DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507C − JANUARY 2002 − REVISED JUNE 2004
LOW INPUT VOLTAGEMODE
SYNCHRONOUS BUCK CONTROLLER
1
www.ti.com
FEATURES
D Operating Input Voltage 2.25 V to 5.5 V
D Output Voltage as Low as 0.7 V
D 1% Internal 0.7 V Reference
D Predictive Gate Drivet N-Channel MOSFET
Drivers for Higher Efficiency
D Externally Adjustable Soft-Start and
Overcurrent Limit
D Source-Only Current or Source/Sink Current
D Versions for Starting Into VOUT Pre-Bias
D 10-Lead MSOP PowerPadt Package for
Higher Performance
D Thermal Shutdown
D Internal Boostrap Diode
D Fixed-Frequency, Voltage-Mode Control
− TPS40000/1/4
300-kHz
− TPS40002/3/5
600-kHz
SIMPLIFIED APPLICATION DIAGRAM
APPLICATIONS
D Networking Equipment
D Telecom Equipment
D Base Stations
D Servers
D DSP Power
D Power Modules
DESCRIPTION
The TPS4000x are controllers for low-voltage,
non-isolated synchronous buck regulators. These
controllers drive an N-channel MOSFET for the
primary buck switch, and an N-channel MOSFET
for the synchronous rectifier switch, thereby
achieving very high-efficiency power conversion. In
addition, the device controls the delays from main
switch off to rectifier turn-on and from rectifier
turn-off to main switch turn-on in such a way as to
minimize diode losses (both conduction and
recovery) in the synchronous rectifier with TI’s
proprietary Predictive Gate Drive
t technology. The
reduction in these losses is significant and increases
efficiency. For a given converter power level, smaller
FETs can be used, or heat sinking can be reduced
or even eliminated.
UDG−01141
VIN
VOUT
1
ILIM
10
BOOT
2FB
9
HDRV
3
COMP
8
SW
4
SS/SD
7
VDD
5
GND
6
LDRV
TPS40000
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
PowerPAD
t and Predictive Gate Drivet are trademarks of Texas Instruments Incorporated.


Similar Part No. - TPS40005DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40005DGQR TI1-TPS40005DGQR Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40005DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com