Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3612010U1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3612010U1000
Description  CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3612010U1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3612010U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3612010U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3612010U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3612010U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics-Premise (Overall)
Premise Cable Electrical Table 1:
Freq. (MHz) Max. Attenuation (dB/100 m) Min. NEXT (dB) Min. PSNEXT (dB) Min. ACR (dB) Min. PSACR (dB) Min RL (dB)
0.772
1.800
81.0
81.0
79.2
79.2
1
2.000
79.3
79.3
77.3
77.3
20.000
4
3.700
70.3
70.3
66.6
66.6
23.000
8
5.200
65.8
65.8
60.6
60.6
24.500
10
5.800
64.3
64.3
58.5
58.5
25.000
16
7.400
61.2
61.2
53.9
53.9
25.000
20
8.300
59.8
59.8
51.5
51.5
25.000
25
9.300
58.3
58.3
49.1
49.1
24.300
31.25
10.400
56.9
56.9
46.5
46.5
23.600
62.5
15.000
52.4
52.4
37.4
37.4
21.500
100
19.300
49.3
49.3
30.0
30.0
20.800
155
24.600
46.5
46.5
21.8
21.8
19.500
200
28.300
44.8
44.8
16.5
16.5
18.700
250
32.100
43.3
43.3
11.2
11.2
18.000
300
35.600
42.1
42.1
6.5
6.5
17.500
350
38.900
41.1
40.1
2.3
2.3
17.000
400
42.000
38.3
38.3
-3.7
-3.7
16.600
450
45.000
37.5
37.5
16.200
500
47.900
36.8
36.8
15.900
550
50.600
36.2
36.2
15.600
600
53.300
35.6
35.6
15.400
650
55.900
35.1
35.1
15.100
Premise Cable Electrical Table 2:
Freq. (MHz) Input (Unfitted) Imp. (Ohms) Min. ACRF (dB) Min. PSACRF (dB)
.772
75.0
73.0
1
100 ± 15
72.8
70.8
4
100 ± 15
60.8
58.8
8
100 ± 15
54.7
52.7
10
100 ± 15
52.8
50.8
16
100 ± 15
48.7
46.7
20
100 ± 15
46.8
44.8
25
100 ± 15
44.8
42.8
31.25
100 ± 15
42.9
40.9
62.5
100 ± 15
36.9
34.9
100
100 ± 15
32.8
30.8
155
100 ± 22
28.9
26.9
200
100 ± 22
26.8
24.8
250
100 ± 32
24.8
22.8
300
100 ± 32
23.3
21.3
350
100 ± 32
21.9
19.9
400
100 ± 32
20.8
18.8
450
100 ± 32
19.7
17.7
500
100 ± 32
18.8
16.8
550
100 ± 32
18.0
16.0
600
100 ± 32
17.2
15.2
650
100 ± 32
16.5
14.5
Premise Cable Electrical Table 4:
Frequency (MHz) Min. TCL (dB) Min. ELTCTL (dB)
0.772
40.000
37.200
1.000
40.000
35.000
4.000
40.000
23.000
8.000
40.000
16.900
10.000
40.000
15.000
16.000
38.000
10.900
20.000
37.000
9.000
25.000
36.000
7.000
31.250
35.100
62.500
32.000
100.000
30.000
155.000
28.100
200.000
27.000
250.000
26.000
Page 3 of 4
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3612 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cable


Similar Part No. - 3612010U1000

ManufacturerPart #DatasheetDescription
logo
Lumberg
361202 LUMBERG-361202 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
361202 LUMBERG-361202 Datasheet
634Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361203 LUMBERG-361203 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
361203 LUMBERG-361203 Datasheet
634Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361204 LUMBERG-361204 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 3612010U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
logo
List of Unclassifed Man...
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
1212 BELDEN-1212 Datasheet
174Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
   Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
4812 BELDEN-4812 Datasheet
284Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
   10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com