Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3613004U1000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3613004U1000
Description  CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3613004U1000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3613004U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3613004U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3613004U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3613004U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
250.000
26.000
Notes (Overall)
Notes: Jacket sequentially marked at 2 ft./1m intervals. Third party verified to ANSI/TIA-568-C.2 Category 6. Values above 400 MHz are for engineering information only.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
3613 D15A1000
1,000 FT
33.000 LB
BLUE
CAT6E 4PR U/UTP CMP RIB
3613 D15U1000
1,000 FT
30.000 LB
BLUE
CAT6E 4PR U/UTP CMP BOX
3613 D151000
1,000 FT
30.000 LB
BLUE
CAT6E 4PR U/UTP CMP REEL
3613 D152500
2,500 FT
70.000 LB
BLUE
CAT6E 4PR U/UTP CMP REEL
3613 002A1000
1,000 FT
33.000 LB
RED
CAT6E 4PR U/UTP CMP RIB
3613 003A1000
1,000 FT
33.000 LB
ORANGE
CAT6E 4PR U/UTP CMP RIB
3613 003U1000
1,000 FT
30.000 LB
ORANGE
CAT6E 4PR U/UTP CMP BOX
3613 0031000
1,000 FT
30.000 LB
ORANGE
CAT6E 4PR U/UTP CMP REEL
3613 004A1000
1,000 FT
33.000 LB
YELLOW
CAT6E 4PR U/UTP CMP RIB
3613 004U1000
1,000 FT
30.000 LB
YELLOW
CAT6E 4PR U/UTP CMP BOX
3613 0041000
1,000 FT
30.000 LB
YELLOW
CAT6E 4PR U/UTP CMP REEL
3613 0042500
2,500 FT
70.000 LB
YELLOW
CAT6E 4PR U/UTP CMP REEL
3613 005A1000
1,000 FT
33.000 LB
GREEN, DARK
CAT6E 4PR U/UTP CMP RIB
3613 005U1000
1,000 FT
30.000 LB
GREEN, DARK
CAT6E 4PR U/UTP CMP BOX
3613 0051000
1,000 FT
30.000 LB
GREEN, DARK
CAT6E 4PR U/UTP CMP REEL
3613 0052500
2,500 FT
70.000 LB
GREEN, DARK
CAT6E 4PR U/UTP CMP REEL
3613 007A1000
1,000 FT
33.000 LB
VIOLET
CAT6E 4PR U/UTP CMP RIB
3613 007U1000
1,000 FT
30.000 LB
VIOLET
CAT6E 4PR U/UTP CMP BOX
3613 008A1000
1,000 FT
33.000 LB
GRAY
CAT6E 4PR U/UTP CMP RIB
3613 008U1000
1,000 FT
30.000 LB
GRAY
CAT6E 4PR U/UTP CMP BOX
3613 0081000
1,000 FT
30.000 LB
GRAY
CAT6E 4PR U/UTP CMP REEL
3613 009A1000
1,000 FT
33.000 LB
WHITE
CAT6E 4PR U/UTP CMP RIB
3613 009U1000
1,000 FT
30.000 LB
WHITE
CAT6E 4PR U/UTP CMP BOX
3613 0091000
1,000 FT
30.000 LB
WHITE
CAT6E 4PR U/UTP CMP REEL
3613 0092500
2,500 FT
70.000 LB
WHITE
CAT6E 4PR U/UTP CMP REEL
3613 010A1000
1,000 FT
33.000 LB
BLACK
CAT6E 4PR U/UTP CMP RIB
3613 010U1000
1,000 FT
30.000 LB
BLACK
CAT6E 4PR U/UTP CMP BOX
3613 0101000
1,000 FT
30.000 LB
BLACK
CAT6E 4PR U/UTP CMP REEL
3613 0102500
2,500 FT
70.000 LB
BLACK
CAT6E 4PR U/UTP CMP REEL
3613 012A1000
1,000 FT
33.000 LB
PINK
CAT6E 4PR U/UTP CMP RIB
Revision Number: 10
Revision Date: 02-27-2014
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 4 of 4
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3613 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cable


Similar Part No. - 3613004U1000

ManufacturerPart #DatasheetDescription
logo
Lumberg
361302 LUMBERG-361302 Datasheet
673Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361303 LUMBERG-361303 Datasheet
673Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361304 LUMBERG-361304 Datasheet
673Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361305 LUMBERG-361305 Datasheet
673Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361306 LUMBERG-361306 Datasheet
673Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results

Similar Description - 3613004U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
3612 ETC2-3612 Datasheet
110Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
2413 BELDEN-2413 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
   Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
10GX13 BELDEN-10GX13 Datasheet
177Kb / 3P
   10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
List of Unclassifed Man...
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
   Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com