Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK316BJ106KL Datasheet(PDF) 10 Page - Texas Instruments

Part # JMK316BJ106KL
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JMK316BJ106KL Datasheet(HTML) 10 Page - Texas Instruments

Back Button JMK316BJ106KL Datasheet HTML 6Page - Texas Instruments JMK316BJ106KL Datasheet HTML 7Page - Texas Instruments JMK316BJ106KL Datasheet HTML 8Page - Texas Instruments JMK316BJ106KL Datasheet HTML 9Page - Texas Instruments JMK316BJ106KL Datasheet HTML 10Page - Texas Instruments JMK316BJ106KL Datasheet HTML 11Page - Texas Instruments JMK316BJ106KL Datasheet HTML 12Page - Texas Instruments JMK316BJ106KL Datasheet HTML 13Page - Texas Instruments JMK316BJ106KL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
SLVS324 – JULY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
–6
–5
–4
–3
–2
–1
0
0
10
20304050
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60400
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
TA = 25°C
Figure 13
–6
–5
–4
–3
–2
–1
0
0
10
2030405060
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60401
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
TA = 25°C
Figure 14
–6
–5
–4
–3
–2
–1
0
0
10
20304050
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60402
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
TA = 25°C
Figure 15
–6
–5
–4
–3
–2
–1
0
0
10
2030405060
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60403
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
TA = 25°C


Similar Part No. - JMK316BJ106KL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
JMK316BJ106KL ONSEMI-JMK316BJ106KL Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
Taiyo Yuden (U.S.A.), I...
JMK316BJ106KL-T TAIYO-YUDEN-JMK316BJ106KL-T Datasheet
312Kb / 3P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
JMK316BJ106KLHT TAIYO-YUDEN-JMK316BJ106KLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - JMK316BJ106KL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com