Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHR0409SA257M70 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MHR0409SA257M70
Description  MHR0409SA257M70
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MHR0409SA257M70 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MHR0409SA257M70 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MHR0409SA257M70 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
MHR0409SA257M70
Specifications
Power Rating
0.6W
Shape
Lead
Maximum Working Voltage
3.5kVdc
Resistance
250.0MΩ
Resistance Deviation
±20%
Single Use/Mold Use
Single use
Length
10.1mm
Height H
6.5mm
Lead Pitch P
7.62mm
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/27


Similar Part No. - MHR0409SA257M70

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MHR0409SA257F20 MURATA-MHR0409SA257F20 Datasheet
152Kb / 2P
   MHR0409SA257F20
MHR0409SA257F70 MURATA-MHR0409SA257F70 Datasheet
151Kb / 2P
   Maximum Working Voltage
MHR0409SA257G20 MURATA-MHR0409SA257G20 Datasheet
150Kb / 2P
   MHR0409SA257G20
MHR0409SA257G70 MURATA-MHR0409SA257G70 Datasheet
151Kb / 2P
   MHR0409SA257G70
MHR0409SA257J20 MURATA-MHR0409SA257J20 Datasheet
150Kb / 2P
   Maximum Working Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com