Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2808PW-1 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC2808PW-1
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2808PW-1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2808PW-1 Datasheet HTML 1Page - Texas Instruments UCC2808PW-1 Datasheet HTML 2Page - Texas Instruments UCC2808PW-1 Datasheet HTML 3Page - Texas Instruments UCC2808PW-1 Datasheet HTML 4Page - Texas Instruments UCC2808PW-1 Datasheet HTML 5Page - Texas Instruments UCC2808PW-1 Datasheet HTML 6Page - Texas Instruments UCC2808PW-1 Datasheet HTML 7Page - Texas Instruments UCC2808PW-1 Datasheet HTML 8Page - Texas Instruments UCC2808PW-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
LOW POWER CURRENT MODE PUSH-PULL PWM
SLUS168D – APRIL 1999 – REVISED AUGUST 2002
5
www.ti.com
pin descriptions
COMP: COMP is the output of the error amplifier and the input of the PWM comparator. The error amplifier in the
UCC3808 is a true low-output impedance, 2-MHz operational amplifier. As such, the COMP pin can both source and
sink current. However, the error amplifier is internally current limited, so that zero duty cycle can be externally forced
by pulling COMP to GND.
The UCC3808 family features built-in full cycle soft start. Soft start is implemented as a clamp on the maximum COMP
voltage.
CS: The input to the PWM, peak current, and overcurrent comparators. The overcurrent comparator is only intended
for fault sensing. Exceeding the overcurrent threshold will cause a soft start cycle.
FB: The inverting input to the error amplifier. For best stability, keep FB lead length as short as possible and FB stray
capacitance as small as possible.
GND: Reference ground and power ground for all functions. Due to high currents, and high frequency operation of
the UCC3808, a low impedance circuit board ground plane is highly recommended.
OUTA and OUTB: Alternating high current output stages. Both stages are capable of driving the gate of a power
MOSFET. Each stage is capable of 500-mA peak source current, and 1-A peak sink current.
The output stages switch at half the oscillator frequency, in a push/pull configuration. When the voltage on the RC
pin is rising, one of the two outputs is high, but during fall time, both outputs are off. This dead time between the two
outputs, along with a slower output rise time than fall time, insures that the two outputs can not be on at the same
time. This dead time is typically 60 ns to 200 ns and depends upon the values of the timing capacitor and resistor.
The high-current output drivers consist of MOSFET output devices, which switch from VDD to GND. Each output
stage also provides a very low impedance to overshoot and undershoot. This means that in many cases, external
schottky clamp diodes are not required.
RC: The oscillator programming pin. The UCC3808’s oscillator tracks VDD and GND internally, so that variations in
power supply rails minimally affect frequency stability. Figure 1 shows the oscillator block diagram.
Only two components are required to program the oscillator: a resistor (tied to the VDD and RC), and a capacitor (tied
to the RC and GND). The approximate oscillator frequency is determined by the simple formula:
f
OSCILLATOR +
1.41
RC
where frequency is in hertz, resistance in ohms, and capacitance in farads. The recommended range of timing
resistors is between 10 k
Ω and 200 kΩ and range of timing capacitors is between 100 pF and 1000 pF. Timing resistors
less than 10 k
Ω should be avoided.
For best performance, keep the timing capacitor lead to GND as short as possible, the timing resistor lead from VDD
as short as possible, and the leads between timing components and RC as short as possible. Separate ground and
VDD traces to the external timing network are encouraged.
VDD: The power input connection for this device. Although quiescent VDD current is very low, total supply current
will be higher, depending on OUTA and OUTB current, and the programmed oscillator frequency. Total VDD current
is the sum of quiescent VDD current and the average OUT current. Knowing the operating frequency and the
MOSFET gate charge (Qg), average OUT current can be calculated from:
I
OUT +
Qg
F, where F is frequency
To prevent noise problems, bypass VDD to GND with a ceramic capacitor as close to the chip as possible along with
an electrolytic capacitor. A 1-
µF decoupling capacitor is recommended.


Similar Part No. - UCC2808PW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808-2 TI-UCC2808-2 Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
More results

Similar Description - UCC2808PW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com