Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT8045N28P1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WT8045N28P1
Description  Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8045N28P1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WT8045N28P1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT8045N28P1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
WT8045
Synchronous
Signal
Discriminator
and
Power Saving Detector for Green Monitor


Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
8
ELECTRICAL CHARACTERISTICS
(VDD=5V, TOPT=25°C, Crystal=3.58MHz)
ITEM
SYMBOL
MIN.
TYP.
MAX.
UNIT
F33K
32.9
¡ Ð
33.1
KHz
Discrimination of H.
F36.2K
36.1
¡ Ð
36.3
KHz
Synchronous Frequency
F43.5K
43.4
43.6
KHz
F52K
51.9
¡ Ð
52.1
KHz
F60K
59.9
¡ Ð
60.1
KHz
Output Low (H-out, V-out),
when IOL = 4mA
VOL1
0.4
VPP
Output High (H-out, V-out),
when IOH = -400£ gA
VOH1
2.4
VPP
Open Drain Output Low
when IOL = 6mA
VOL2
0.4
VPP
Output Sink Current (H-out, V-out)
when VOL1 = 0.4V
IOL1
4
mA
Output Drive Current (H-out, V-out)
when VOH1 = 2.4V
¡ W
IOH1¡ W
400
£ gA
Open Drain Sink Current
when VOL2 = 0.4V
IOL2
10
mA
Open Drain Sink Current
when VOL2 = 5V
IOL2
40
mA


Similar Part No. - WT8045N28P1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8043 ETC-WT8043 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
WT8043N16 ETC-WT8043N16 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
WT8043N20P1 ETC-WT8043N20P1 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
WT8043N20P4 ETC-WT8043N20P4 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
WT8043N20P7 ETC-WT8043N20P7 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
More results

Similar Description - WT8045N28P1

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8501 PTC-PT8501 Datasheet
163Kb / 4P
   Synchronous Signal Discriminator for Multi-Sync Display Monitor
logo
List of Unclassifed Man...
WT8043 ETC-WT8043 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
WT8048 ETC-WT8048 Datasheet
52Kb / 10P
   DPMS (Display Power Management Signaling) Detector for Green Monitor
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559_15 Datasheet
76Kb / 2P
   Detector for X-ray monitor
logo
List of Unclassifed Man...
CDB455C3 ETC2-CDB455C3 Datasheet
175Kb / 1P
   Discriminator for communication
JT4.5MD ETC2-JT4.5MD Datasheet
162Kb / 1P
   Discriminator for tv
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
logo
Fronter Electronics Co....
CDB FRONTER-CDB Datasheet
120Kb / 1P
   DISCRIMINATOR FOR COMMUNICATION
logo
ON Semiconductor
NCP81038MNTWG ONSEMI-NCP81038MNTWG Datasheet
190Kb / 11P
   Synchronous Buck Controller with Auto Power Saving
October, 2013 ??Rev. P6
logo
List of Unclassifed Man...
SI-06 ETC2-SI-06 Datasheet
452Kb / 1P
   iSMART - for EuP/ErP power saving, autoscheduler and power resume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com