Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320F2812PBKS Datasheet(PDF) 11 Page - Texas Instruments

Part # TMX320F2812PBKS
Description  DIGITAL SIGNAL PROCESSORS
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320F2812PBKS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMX320F2812PBKS Datasheet HTML 7Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 8Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 9Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 10Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 11Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 12Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 13Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 14Page - Texas Instruments TMX320F2812PBKS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin functions (continued)
Table 2. Signal Descriptions (Continued)
GPIO
PERIPHERAL SIGNAL
PIN NO.
I/O/Z
DRIVE
PU/PD†
DESCRIPTION
GPIOD OR EVB SIGNALS
GPIOD5
T3CTRIP_PDPINTB (I)
I/O/Z
PU
Timer 3 Compare Output Trip
GPIOD6
T4CTRIP/EVBSOC (I)
I/O/Z
PU
Timer 4 Compare Output Trip or External ADC
Start-of-Conversion EV-B
GPIOE OR INTERRUPT SIGNALS
GPIOE0
XINT1_XBIO (I)
I/O/Z
PU
GPIO or XINT1 or XBIO core input
GPIOE1
XINT2_ADCSOC (I)
I/O/Z
PU
GPIO or XINT2 or ADC start of conversion
GPIOE2
XNMI_XINT13 (I)
I/O/Z
PU
GPIO or XNMI or XINT13
GPIOF OR SPI SIGNALS
GPIOF0
SPISIMO (O)
I/O/Z
PU
GPIO or SPI slave in, master out
GPIOF1
SPISOMI (I)
I/O/Z
PU
GPIO or SPI slave out, master in
GPIOF2
SPICLK (I/O)
I/O/Z
PU
GPIO or SPI clock
GPIOF3
SPISTE (I/O)
I/O/Z
PU
GPIO or SPI slave transmit enable
GPIOF OR SCI-A SIGNALS
GPIOF4
SCITXDA (O)
I/O/Z
PU
GPIO or SCI asynchronous serial port TX data
GPIOF5
SCIRXDA (I)
I/O/Z
PU
GPIO or SCI asynchronous serial port RX data
GPIOF OR CAN SIGNALS
GPIOF6
CANTX (O)
I/O/Z
PU
GPIO or eCAN transmit data
GPIOF7
CANRX (I)
I/O/Z
PU
GPIO or eCAN receive data
GPIOF OR MCBSP SIGNALS
GPIOF8
MCLKX (I/O)
I/O/Z
PU
GPIO or transmit clock
GPIOF9
MCLKR (I/O)
I/O/Z
PU
GPIO or receive clock
GPIOF10
MFSX (I/O)
I/O/Z
PU
GPIO or transmit frame synch
GPIOF11
MFSR (I/O)
I/O/Z
PU
GPIO or receive frame synch
GPIOF12
MDX (O)
I/O/Z
PU
GPIO or transmitted serial data
GPIOF13
MDR (I)
I/O/Z
PU
GPIO or received serial data
GPIOG OR XF CPU OUTPUT SIGNAL
GPIOF14
XF(0)
I/O/Z
PU
GPIO or input clock
GPIOG OR SCI-B SIGNALS
GPIOG4
SCITXDB (O)
I/O/Z
PU
GPIO or SCI asynchronous serial port transmit data
GPIOG5
SCIRXDB (I)
I/O/Z
PU
GPIO or SCI asynchronous serial port receive data
† PU = pin has internal pullup; PD = pin has internal pulldown


Similar Part No. - TMX320F2812PBKS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320F2812PBKS TI-TMX320F2812PBKS Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
More results

Similar Description - TMX320F2812PBKS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com