Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62000YEG Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62000YEG
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62000YEG Datasheet(HTML) 5 Page - Texas Instruments

  TPS62000YEG Datasheet HTML 1Page - Texas Instruments TPS62000YEG Datasheet HTML 2Page - Texas Instruments TPS62000YEG Datasheet HTML 3Page - Texas Instruments TPS62000YEG Datasheet HTML 4Page - Texas Instruments TPS62000YEG Datasheet HTML 5Page - Texas Instruments TPS62000YEG Datasheet HTML 6Page - Texas Instruments TPS62000YEG Datasheet HTML 7Page - Texas Instruments TPS62000YEG Datasheet HTML 8Page - Texas Instruments TPS62000YEG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operation (continued)
In the PFM mode, the converter operates with:
D Variable frequency
D Constant peak current that reduces switching losses
D Quiescent current at a minimum
Thus maintaining the highest efficiency at light load currents. In this mode, the output voltage is monitored with
the error amplifier. As soon as the output voltage falls below the nominal value, the high side switch is turned
on and the inductor current ramps up. When the inductor current reaches the peak current of typical: 150 mA
+ 50 mA/V x (VI − VO), the high side switch turns off and the low side switch turns on. As the inductor current
ramps down, the low side switch is turned off before the inductor current becomes negative which completes
the cycle. When the output voltage falls below the nominal voltage again, the next cycle is started.
The converter enters the PWM mode again as soon as the output voltage can not be maintained with the typical
peak inductor current in the PFM mode.
The control loop is internally compensated reducing the amount of external components.
The switch current is internally sensed and the maximum current limit can be set to typical 600 mA by connecting
ILIM to ground or to typically 1.2 A connecting ILIM to VIN.
100% duty cycle operation
As the input voltage approaches the output voltage and the duty cycle exceeds typical 95%, the converter turns
the P-channel high side switch continuously on. In this mode, the output voltage is equal to the input voltage
minus the voltage drop across the P-channel MOSFET.
synchronization, power save mode and forced PWM mode
If no clock signal is applied, the converter operates with a typical switching frequency of 750 kHz. It is possible
to synchronize the converter to an external clock within a frequency range from 500 kHz to 1000 kHz. The device
automatically detects the rising edge of the first clock and is synchronizes immediately to the external clock.
If the clock signal is stopped, the converter automatically switches back to the internal clock and continues
operation without interruption. The switch over is initiated if no rising edge on the SYNC pin is detected for a
duration of four clock cycles. Therefore, the maximum delay time can be 8
µs in case the internal clock has a
minimum frequency of 500 kHz.
In case the device is synchronized to an external clock, the power save mode is disabled and the device stays
in forced PWM mode.
Connecting the SYNC pin to the GND pin enables the power save mode. The converter operates in the PWM
mode at moderate to heavy loads and in the PFM mode during light loads maintaining high efficiency over a
wide load current range.
Connecting the SYNC pin to the VIN pin forces the converter to operate permanently in the PWM mode even
at light or no load currents. The advantage is the converter operates with a fixed switching frequency that allows
simple filtering of the switching frequency for noise sensitive applications. In this mode, the efficiency is lower
compared to the power save mode during light loads (see Figure 1).
It is possible to switch from forced PWM mode to the power save mode during operation.
The flexible configuration of the SYNC pin during operation of the device allows efficient power management
by adjusting the operation of the TPS6200x to the specific system requirements.
low noise antiringing switch
An antiringing switch is implemented in order to reduce the EMI radiated from the converter during
discontinuous conduction mode (DCM). In DCM, the inductor current ramps to zero before the end of each
switching period. The internal load comparator turns off the low side switch at that instant thus preventing the


Similar Part No. - TPS62000YEG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000YZGR TI1-TPS62000YZGR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000YZGT TI1-TPS62000YZGT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
More results

Similar Description - TPS62000YEG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com