Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320F2812GHHA Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP320F2812GHHA
Description  DIGITAL SIGNAL PROCESSORS
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2812GHHA Datasheet(HTML) 3 Page - Texas Instruments

  TMP320F2812GHHA Datasheet HTML 1Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 2Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 3Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 4Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 5Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 6Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 7Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 8Page - Texas Instruments TMP320F2812GHHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
device summary
Note that throughout this data sheet, F2810 is used to denote TMS320F2810; F2812 is used to denote
TMS320F2812; and F28x is used to denote F2810 and F2812.
Table 1. Hardware Features of the F2810 and F2812 Devices
FEATURE
F2810
F2812
Instruction Cycle (at 150 MHz)
6.67 ns
6.67 ns
Single-Access RAM (SARAM) (16-bit word)
18K
18K
3.3-V On-Chip Flash (16-bit word)
64K
128K
Code Security for On-Chip Flash/SARAM
Yes
Yes
Boot ROM
Yes
Yes
OTP ROM
Yes
Yes
External Memory Interface
Yes
Event Managers A and B (EVA and EVB)
EVA, EVB
EVA, EVB
S
General-Purpose (GP) Timers
4
4
S
Compare (CMP)/PWM
16
16
S
Capture (CAP)/QEP Channels
6/2
6/2
Watchdog Timer
Yes
Yes
12-Bit ADC
Yes
Yes
S
Channels
16
16
32-bit CPU Timers
3
3
SPI
Yes
Yes
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
CAN
Yes
Yes
McBSP
Yes
Yes
Digital I/O Pins (Shared)
56
56
External Interrupts
3
3
Supply Voltage
1.8-V Core, 3.3-V I/O
1.8-V Core, 3.3-V I/O
Packaging
128-pin PBK
179-pin GHH
176-pin PGF
Product Status:
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PP
PP


Similar Part No. - TMP320F2812GHHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320F2812GHHA TI-TMP320F2812GHHA Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
More results

Similar Description - TMP320F2812GHHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com