Electronic Components Datasheet Search |
|
AP1117D33A Datasheet(PDF) 9 Page - Anachip Corp |
|
AP1117D33A Datasheet(HTML) 9 Page - Anachip Corp |
9 / 11 page 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator AP1117 Anachip Corp. www.anachip.com.tw Rev.1.0 Aug 17, 2004 9/11 (3) TO252 b2 E e b e1 H SEATING PLANE L 5.6 2.25 Land Pattern Recommendation (Unit: mm) 1.2 Notes: 1. JEDEC Outline: TO-252 AB 2. Mils suggested for positive contact at mounting. Dimensions In Millimeters Dimensions In Inches Symbol Min. Nom. Max. Min. Nom. Max. A 2.18 2.29 2.39 0.086 0.090 0.094 A1 1.02 1.15 1.27 0.040 0.045 0.050 b 0.61 TYP. 0.024 TYP. b2 5.20 5.35 5.50 0.205 0.211 0.217 C 0.46 0.52 0.58 0.018 0.020 0.023 C1 0.46 0.52 0.58 0.018 0.020 0.023 D 5.33 5.57 5.80 0.210 0.219 0.228 E 6.35 6.58 6.80 0.250 0.259 0.268 e 2.25 BSC. 0.089 BSC. e1 4.50 BSC. 0.177 BSC. H 9.00 9.70 10.40 0.354 0.382 0.409 L 0.51 - - 0.020 - - L1 0.64 0.83 1.02 0.025 0.033 0.040 L2 1.52 1.78 2.03 0.060 0.070 0.080 |
Similar Part No. - AP1117D33A |
|
Similar Description - AP1117D33A |