Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C501108010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C501108010
Description  CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C501108010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C501108010 Datasheet HTML 1Page - List of Unclassifed Manufacturers C501108010 Datasheet HTML 2Page - List of Unclassifed Manufacturers C501108010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
Usage (Overall)
Suitable Applications:
IBDN System 1200, TIA Category 5E, ISO Class D, 1000BASE-T, 100BASE-T
Related Parts:
CAT5E Modular Jacks, CAT5E Patch Panels
Multi Conductor
Physical Characteristics
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
24
Solid
BC - Bare Copper
Insulation
Insulation Material:
Insulation Material
PO - Polyolefin
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Outer Jacket Color Code Chart:
Color
Gray
Overall Diameter
Overall Nominal Diameter:
0.208 in.
Individual Cable Diameter:
0.240 in.
Physical Characteristics (Connectivity)
Materials
Materials:
Description
Type
Material
Plug
RJ45
Polycarbonate
Boot
Rubber
Front Connection Blades Phosphor Bronze with 50u inch Gold over Nickel Plating
Color
Boot Color:
Translucent
Wiring Scheme
Wiring Scheme:
T568A/B
Weight
Weight:
0.060 lbs.
Packaging
Packaging:
Individually packaged in a clear plastic bag.
Mechanical Characteristics (Connectivity)
Plug / Jack Compatibility:
RJ45
Termination Interface:
Termination Connection
Durabilities
RJ45
Mated Connection 750 Cycles
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Page 1 of 3
03-10-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
C501108010 Cable Assemblies - CAT5E Modular Cord


Similar Part No. - C501108010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C501108025 ETC2-C501108025 Datasheet
111Kb / 3P
   Cable Assemblies - CAT5E Modular Cord
More results

Similar Description - C501108010

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RV6FFPUBK18O-S1 BELDEN-RV6FFPUBK18O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK36O-S1 BELDEN-RVAFFPUBK36O-S1 Datasheet
259Kb / 3P
   REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK30O-S1 BELDEN-RV6FFPUBK30O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK36O-S1 BELDEN-RV6FFPUBK36O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK18O-S1 BELDEN-RVAFFPUBK18O-S1 Datasheet
259Kb / 3P
   REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
121702A BELDEN-121702A Datasheet
200Kb / 2P
   CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
2022 Belden, Inc
logo
PANDUIT CORP.
DPA245E88TV25 PANDUIT-DPA245E88TV25 Datasheet
169Kb / 1P
   24 PORT ANGLED 4 PAIR CAT5E RJ21 PATCH PANEL
logo
Tripp Lite. All Rights ...
N002-010-GY TRIPPLITE-N002-010-GY Datasheet
483Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 10-ft.
N002-004-GY TRIPPLITE-N002-004-GY Datasheet
482Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 4-ft.
N105-010-GY TRIPPLITE-N105-010-GY Datasheet
469Kb / 2P
   Cat5e 350MHz Molded Shielded Patch Cable (RJ45 M/M) - Gray, 10-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com