Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C501105002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C501105002
Description  CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C501105002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C501105002 Datasheet HTML 1Page - List of Unclassifed Manufacturers C501105002 Datasheet HTML 2Page - List of Unclassifed Manufacturers C501105002 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20.000
25.000
25.000
25.000
24.200
25.000
31.250
23.300
25.000
62.500
20.700
25.000
100.000
19.000
20.000
160.000
19.000
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max. Contact Resistance:
20 m-Ohm
Notes (Overall)
Product Family
Product List:
Length
Yellow
Green
Blue
Gray
White
Black
2 ft. (0.6 m)
C501104002 C501105002 C501106002 C501108002 C501109002 C501100002
4 ft. (1.2 m)
C501104004 C501105004 C501106004 C501108004 C501109004 C501100004
7 ft. (2.1 m)
C501104007 C501105007 C501106007 C501108007 C501109007 C501100007
10 ft. (3.0 m) C501104010 C501105010 C501106010 C501108010 C501109010 C501100010
15 ft. (4.6 m) C501104015 C501105015 C501106015 C501108015 C501109015 C501100015
25 ft. (7.6 m) C501104025 C501105025 C501106025 C501108025 C501109025 C501100025
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
C501108010
1 EA
0.261 LB
GRAY 1SR
PATCHCORD BCAT5E CMR GRY 10FT
Revision Number: 0
Revision Date: 06-08-2009
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Page 3 of 3
03-10-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
C501108010 Cable Assemblies - CAT5E Modular Cord


Similar Part No. - C501105002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C501108025 ETC2-C501108025 Datasheet
111Kb / 3P
   Cable Assemblies - CAT5E Modular Cord
More results

Similar Description - C501105002

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RV6FFPUBK18O-S1 BELDEN-RV6FFPUBK18O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK36O-S1 BELDEN-RVAFFPUBK36O-S1 Datasheet
259Kb / 3P
   REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK30O-S1 BELDEN-RV6FFPUBK30O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK36O-S1 BELDEN-RV6FFPUBK36O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK18O-S1 BELDEN-RVAFFPUBK18O-S1 Datasheet
259Kb / 3P
   REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
121702A BELDEN-121702A Datasheet
200Kb / 2P
   CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
2022 Belden, Inc
logo
PANDUIT CORP.
DPA245E88TV25 PANDUIT-DPA245E88TV25 Datasheet
169Kb / 1P
   24 PORT ANGLED 4 PAIR CAT5E RJ21 PATCH PANEL
logo
Tripp Lite. All Rights ...
N002-010-GY TRIPPLITE-N002-010-GY Datasheet
483Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 10-ft.
N002-004-GY TRIPPLITE-N002-004-GY Datasheet
482Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 4-ft.
N105-010-GY TRIPPLITE-N105-010-GY Datasheet
469Kb / 2P
   Cat5e 350MHz Molded Shielded Patch Cable (RJ45 M/M) - Gray, 10-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com