Electronic Components Datasheet Search |
|
40-20003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
40-20003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 9 page 30 www.ppc-online.com Customer Support: 800.800.6652 A BELDEN BRAND A BELDEN BRAND Bonding Connector for Meter Pan (CATV Applications) • Meter pan connector designed to provide a bonding connection between the metallic frame of a meter pan and a copper ground wire. • Its unique design allows a fixed and positive mechanical contact without interfering with the opening of the meter pan front cover. • Tighten screws to 20 in. lbs. torque. Part Number Description Inner Pack Outer Pack SC51-CF Meter Pan Connector. For #10/12/14AWG Copper Ground Wire. Made of Stainless Steel. -- 100 SC51CF-81 Meter Pan Ground Block for Coaxial Cable with F81 connector. For #10/12/14AWG Copper Ground Wire. Made of Stainless Steel -- 100 SC51CFKF81 Meter Pan Ground Block for Coaxial Cable with F81 connector. For #10/12/14AWG Copper Ground Wire. Made of Stainless Steel -- 100 Bonding Connector for Meter Pan (Telephone Applications) Part Number Description Inner Pack Outer Pack SC51-1T Meter Pan Corner Bonding Connector for #14 to #10 AWG Copper Ground Wire. Connector made of G90 Galvanize Steel + Trivalent Chromate. -- 100 SC51-2 Meter Pan Corner Bonding Connector for #6AWG Copper Ground Wire. Made of G90 Galvanize Steel + Trivalent Chromate -- 100 SC51CF-85 Meter Pan Bonding Connector for #6AWG Copper Ground Wire. Made of Stainless Steel -- 100 Diamond ® Bonding and Grounding Hardware Bonding Clamps SC51-CF SC51CFKF81 SC51-2 SC51CF-85 Meter Box Ground Clamp Part Number Description Clamp Range Inner Pack Outer Pack 40-20000 Meter Box Ground Clamp (S), #12-16 AWG 6.5"-10.5" -- 50 40-20001 Meter Box Ground Clamp (L), #12-16 AWG 11.5"-15.5" -- 50 40-20002 Meter Box Ground Clamp (S), #14-6 AWG 6.5"-10.5" 1* 5 40-20003 Meter Box Ground Clamp (S), #14-6 AWG 11.5"-15.5" 1* 5 40-20004 Meter Box Ground Clamp (S), #14-6 AWG 15.5"-21.5" 1* 5 IBT1 Meter Box Ground Clamp (S), #14-6 AWG 6.5"-10.5" 1* 5 IBT2 Meter Box Ground Clamp (S), #14-6 AWG 15.5"-21.5" 1* 5 • Provides a convenient, quick installation of a reliable ground or bond for drops. • 2 adjustable sizes: 6-1/2” to 10-1/2”, 11-1/2” to 15-1/2”. • Stainless steel bolts, screw and washer. • Mechanically galvanized ASTM B695. • UL Listed. • Will not restrict cover operation. • Tighten screws to 20 in. lbs. torque. * Packages of 10 pieces each package. |
Similar Part No. - 40-20003 |
|
Similar Description - 40-20003 |