Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBT2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IBT2
Description  Diamond Bonding and Grounding Hardware
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IBT2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IBT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
30
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Bonding Connector for Meter Pan (CATV Applications)
Meter pan connector designed to provide a bonding connection between the metallic
frame of a meter pan and a copper ground wire.
Its unique design allows a fixed and positive mechanical contact without
interfering with the opening of the meter pan front cover.
Tighten screws to 20 in. lbs. torque.
Part Number
Description
Inner
Pack
Outer
Pack
SC51-CF
Meter Pan Connector. For #10/12/14AWG Copper Ground Wire. Made
of Stainless Steel.
--
100
SC51CF-81
Meter Pan Ground Block for Coaxial Cable with F81 connector. For
#10/12/14AWG Copper Ground Wire. Made of Stainless Steel
--
100
SC51CFKF81 Meter Pan Ground Block for Coaxial Cable with F81 connector. For
#10/12/14AWG Copper Ground Wire. Made of Stainless Steel
--
100
Bonding Connector for Meter Pan (Telephone Applications)
Part Number Description
Inner
Pack
Outer
Pack
SC51-1T
Meter Pan Corner Bonding Connector for #14 to #10 AWG Copper
Ground Wire. Connector made of G90 Galvanize Steel + Trivalent
Chromate.
--
100
SC51-2
Meter Pan Corner Bonding Connector for #6AWG Copper Ground Wire.
Made of G90 Galvanize Steel + Trivalent Chromate
--
100
SC51CF-85 Meter Pan Bonding Connector for #6AWG Copper Ground Wire. Made of
Stainless Steel
--
100
Diamond
® Bonding and Grounding Hardware
Bonding Clamps
SC51-CF
SC51CFKF81
SC51-2
SC51CF-85
Meter Box Ground Clamp
Part Number
Description
Clamp
Range
Inner
Pack
Outer
Pack
40-20000
Meter Box Ground Clamp (S), #12-16 AWG
6.5"-10.5"
--
50
40-20001
Meter Box Ground Clamp (L), #12-16 AWG
11.5"-15.5"
--
50
40-20002
Meter Box Ground Clamp (S), #14-6 AWG
6.5"-10.5"
1*
5
40-20003
Meter Box Ground Clamp (S), #14-6 AWG
11.5"-15.5"
1*
5
40-20004
Meter Box Ground Clamp (S), #14-6 AWG
15.5"-21.5"
1*
5
IBT1
Meter Box Ground Clamp (S), #14-6 AWG
6.5"-10.5"
1*
5
IBT2
Meter Box Ground Clamp (S), #14-6 AWG
15.5"-21.5"
1*
5
Provides a convenient, quick installation of a reliable ground or bond for drops.
2 adjustable sizes: 6-1/2” to 10-1/2”, 11-1/2” to 15-1/2”.
Stainless steel bolts, screw and washer.
Mechanically galvanized ASTM B695.
UL Listed.
Will not restrict cover operation.
Tighten screws to 20 in. lbs. torque.
* Packages of 10 pieces each package.


Similar Part No. - IBT2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Seoul Semiconductor
IBT801-S SEOUL-IBT801-S Datasheet
915Kb / 25P
   Applicable for automotive interior light
More results

Similar Description - IBT2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351692 ETC2-1351692 Datasheet
93Kb / 2P
   Shielding and Bonding Cable
1344171 ETC2-1344171 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
3M Electronics
08641 3M-08641 Datasheet
19Kb / 4P
   Automix??Channel Bonding and Sidelite Adhesive
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
   Inventory bonding
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com