Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24-80006 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 24-80006
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24-80006 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 24-80006 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 8Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 9Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 10Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 11Page - List of Unclassifed Manufacturers 24-80006 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
13
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Hooks
Drop Wire Hook (Ram's Horn)
Used to attach bail wire type drop wire clamp to building.
Mechanically galvanized ASTMB695.
"Omni" House Hook
Omni house hook used to dead-end a messengered drop cable at the house.
Retainer provides a 1” diameter wrap to messenger steel wire keeping the messenger
intact for bonding at the ground block.
Mechanically galvanized ASTM B695.
Part Number Description
Inner
Pack
Outer
Pack
SC26-1
Omni Directional Signal Retainer
--
100
SC26-1L
Omni Directional Signal Retainer - Extra Long
--
100
"P" House Hook
Used to secure coaxial cable drop installations at the building.
Accepts bailwire dropwire clamps, wire grips or messenger wraps.
Mechanically galvanized steel ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
30-01732
Ram's Horn Type Drop Wire Hook
50
600
Drop
Hardware
Part Number Description
Overall
Length
(inches)
Screw
Diameter
(inches)
Inner
Pack
Outer
Pack
31-00809
Regular House Hook
3-3/4
1/4
--
200
31-10809
Long House Hook
4-1/2
1/4
--
200
31-00800
Wrench P House Hook
3-3/4
1/4
*
*
31-00801
Wrench P House Hook
4-1/2
1/4
*
*
* ( Ask PPC/Belden Representative ).


Similar Part No. - 24-80006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
24-8005-502-100-867 AVX-24-8005-502-100-867 Datasheet
181Kb / 2P
   1.27mm-pitch Micro Connector
More results

Similar Description - 24-80006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com