Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24-80007 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 24-80007
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24-80007 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 24-80007 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 8Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 9Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 10Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 11Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 12Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 13Page - List of Unclassifed Manufacturers 24-80007 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
15
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Cable Clips
"S" Cable Clip - Telephone
Used to secure telephone drip loop to “B” drop wire hook (Ram’s horn).
Ribs provide positive grip on drop wire.
Aluminum “S” clip to be secured with lineman’s pliers.
Part Number
Description
Maximum
Cable Size
Inner
Pack
Outer
Pack
23-80261
2-3 Pair "S" Clip
.225" x .375"
25
500
23-80262
6 Pair "S" Clip
.300" x .500"
--
500
23-80366
1-2 Pair "S" Clip
.160" x .300"
25
500
"S" Cable Clip - Coaxial
Used to prevent separation of two cables or a messenger steel wire from a drop cable.
Part Number
Description
Inner
Pack
Outer
Pack
SC10-1
Made of Soft Aluminum for Easy Finger Forming
Accepts Up to Series 7 Cable
--
500
Dual Cable Clip
Secures dual coaxial cable and telephone six pair cable runs.
Mechanically galvanized steel ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
22-12121
Dual Cable Clip - Series 6
500
5,000
Drop
Hardware


Similar Part No. - 24-80007

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
24-8005-502-100-867 AVX-24-8005-502-100-867 Datasheet
181Kb / 2P
   1.27mm-pitch Micro Connector
More results

Similar Description - 24-80007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com