Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24130051000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 24130051000
Description  Increased bandwidth and signal-to-noise margin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24130051000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  24130051000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24130051000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24130051000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24130051000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The Belden IBDN
2400 Solution delivers
enhanced error-free
performance for high-
traffic and high-bit-rate
applications.
Applications
Belden DataTwist 2400 Cable is intended
to be used for horizontal cable installations
of high speed Local Area Networks (LANs) for
transmission speeds up to 2.4 Gb/s. Specific
applications include:
1000BASE-T Ethernet, and other
LAN protocols operating up to 2.4 Gb/s
transmission speeds
ATM at all speeds up to 2.4 Gb/s
100 Mb/s TP-PMD, 100 Mb/s Ethernet
(100BASE-T)
Broadband video (77 channels at 550 MHz)
Features & Benefits
Increased bandwidth and
signal-to-noise margin
Optimized balance of transmission
performance for simultaneous parallel
transmission protocols
Size minimized for compactness
of installations
Materials selected to support 25-year
performance warranties
Descending distance marking for
cable length reduces waste
Matching tip and ring color code
for ease of installation
Available in Spool-in-Box packaging
for ease of installation, handling and
inventory management
Available in CMR, CMP and LSZH versions
Technical Specifications
Physical Characteristics
Conductors: 23 AWG solid copper
Insulation:
- Plenum: Low Smoke Flame Retardant
thermoplastic (FEP)
- Riser and LSZH: Polyolefin (PE)
Cable Core: Four twisted pairs cabled around
Belden’s patented center member
Jacket w/ Rip Cord:
- Plenum: LSPVC
- Riser: PVC
- LSZH: Low Smoke Zero Halogen
Polymer Alloy
- Jacket printed at intervals indicating cable
code, AWG, listings (NEC Code), verification,
date, manufacturing traceability code
- Descending length markings start
at highest number and end at 0
Mechanical Characteristics
Minimum Recommended Installation
Temperature: 5˚C (40˚F)
Temperature Rating: 60˚C (140˚F)
Transmission Characteristics
Values up to 300 MHz are minimum
guaranteed values
Values above 300 MHz are for
information only
DC Resistance @ 20˚C, max.:
9.38 ohms/100 m
DC Resistance Unbalance, max.: 5%
Mutual Capacitance, max.: 5.6 nF/100 m
Capacitance Unbalance Pair to Ground, max.:
330 pF/100 m
Input Impedance:
- 100 ± 15 ohms from 1 to 100 MHz
- 100 ± 22 ohms from 101 to 200 MHz
- 100 ± 32 ohms from 201 to 300 MHz
Nominal Velocity of Propagation (NVP):
- Plenum: 72% @ 10 MHz
- Riser: 68% @ 10 MHz
Propagation Delay (Skew), max.:
25 ns/100 m
Belden DataTwist 2400 Cable Surpasses Category 6 Standards
2
BNT-215334_PB289 Datatwist 2400 Cables.qxd:Layout 1
12/17/10
4:00 PM
Page 2


Similar Part No. - 24130051000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24130051000 ETC2-24130051000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
24130051000 ETC2-24130051000 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
24130051000 BELDEN-24130051000 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
More results

Similar Description - 24130051000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
logo
Ferroxcube Internationa...
3E10 FERROXCUBE-3E10 Datasheet
2Mb / 8P
   Tight tolerance, increased impedance, extended bandwidth, enhanced performance in EMC.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com