Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFSZ06052460-3310A2 Datasheet(PDF) 4 Page - TDK Electronics

Part # TFSZ06052460-3310A2
Description  Thin-Film Balun
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFSZ06052460-3310A2 Datasheet(HTML) 4 Page - TDK Electronics

  TFSZ06052460-3310A2 Datasheet HTML 1Page - TDK Electronics TFSZ06052460-3310A2 Datasheet HTML 2Page - TDK Electronics TFSZ06052460-3310A2 Datasheet HTML 3Page - TDK Electronics TFSZ06052460-3310A2 Datasheet HTML 4Page - TDK Electronics TFSZ06052460-3310A2 Datasheet HTML 5Page - TDK Electronics TFSZ06052460-3310A2 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150419 / rf_balun_tfsz06052460-3310a2_en.fm
20150419 / rf_balun_tfsz06052460-3310a2_en.fm
TFSZ06052460-3310A2
FREQUENCY CHARACTERISTICS
INSERTION LOSS
AMPLITUDE BALANCE
RETURN LOSS
PHASE BALANCE
3000
Frequency(MHz)
2000
2200
2400
2600
2800
3.0
2.0
1.0
1.5
2.5
0.5
0.0
3000
2000
2200
2400
2600
2800
Frequency(MHz)
–4
–3
–2
0
–1
2
1
4
3
3000
2000
2200
2400
2600
2800
Frequency(MHz)
50
40
20
30
10
0
3000
Frequency(MHz)
2000
2200
2400
2600
2800
150
170
190
180
160
200
210


Similar Part No. - TFSZ06052460-3310A2

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
87Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
Revision: 11-Jan-18
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
750Kb / 8P
   Splash Proof Mid Size Snap-acting Switches
30 Apr 21
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-S VISHAY-TFS-S Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results

Similar Description - TFSZ06052460-3310A2

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
   Thin-film Metal
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
TDK Electronics
TFSD10055950-5102A2 TDK-TFSD10055950-5102A2 Datasheet
77Kb / 7P
   Thin-film Diplexer
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com