Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4490EN Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4490EN
Description  Premium 32-Bit 2ch DAC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4490EN Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4490EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 13Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 14Page - Asahi Kasei Microsystems AK4490EN Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
[AK4490EN]
015013666-E-01
2015/12
- 11 -
Sharp Roll-Off Filter Characteristics (fs=44.1kHz)
(Ta=25
C; AVDD=DVDD=3.0~3.6V, TVDD=1.6V  DVDD, VREFHL/R=VDDL/R=4.75  5.25V; Normal
Speed Mode; DEM=OFF; SD bit=
“0” or SD pin = “L”, SLOW bit=“0” or SLOW pin = “L”)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Digital Filter
Passband
(Note 14)
0.01dB
6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 14)
SB
24.1
kHz
Passband Ripple
PR
0.005
dB
Stopband Attenuation
SA
100
dB
Group Delay
(Note 15)
GD
-
29.4
-
1/fs
Digital Filter + SCF
Frequency Response: 0
 20.0kHz
-
+0.1/-0.2
-
dB
Sharp Roll-Off Filter Characteristics (fs=96kHz)
Ta=25
C; AVDD=DVDD=3.0~3.6V, TVDD=1.6V  DVDD, VREFHL/R=VDDL/R=4.75  5.25V; Double
Speed Mode; DEM=OFF; SD bit=
“0” or SD pin = “L”, SLOW bit=“0” or SLOW pin = “L”)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Digital Filter
Passband
(Note 14)
0.01dB
6.0dB
PB
0
-
48.0
43.5
-
kHz
kHz
Stopband
(Note 14)
SB
52.5
kHz
Passband Ripple
PR
0.005
dB
Stopband Attenuation
SA
100
dB
Group Delay
(Note 15)
GD
-
28.8
-
1/fs
Digital Filter + SCF
Frequency Response: 0
 40.0kHz
-
+0.1/-0.6
-
dB
Sharp Roll-Off Filter Characteristics (fs=192kHz)
(Ta=25
C; AVDD=DVDD=3.0~3.6V, TVDD=1.6V  DVDD, VREFHL/R=VDDL/R=4.75  5.25V; Quad
Speed Mode; DEM=OFF; SD bit=
“0” or SD pin = “L”, SLOW bit=“0” or SLOW pin = “L”)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Digital Filter
Passband
(Note 14)
0.01dB
6.0dB
PB
0
-
96.0
87.0
-
kHz
kHz
Stopband
(Note 14)
SB
105
kHz
Passband Ripple
PR
0.005
dB
Stopband Attenuation
SA
92
dB
Group Delay
(Note 15)
GD
-
28.8
-
1/fs
Digital Filter + SCF
Frequency Response: 0
 80.0kHz
-
+0.1/-0.2
-
dB
Note 14. The passband and stopband frequencies scale with fs. For example, PB=0.4535×fs (@
0.01dB),
SB=0.546×fs.
Note 15. The calculating delay time which occurred by digital filtering. This time is from setting the
16/20/24/32 bit data of both channels to the output of analog signal.


Similar Part No. - AK4490EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
255Kb / 4P
   The AK4493EQ is a new generation Premium 32-bit 2ch DAC with VELVET SOUNDTM technology
More results

Similar Description - AK4490EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4452 AKM-AK4452 Datasheet
2Mb / 82P
   115dB 768kHz 32-bit 2ch Premium DAC
AK4452VN AKM-AK4452VN Datasheet
2Mb / 91P
   115dB 768kHz 32-bit 2ch Premium DAC
AK4495SEQ AKM-AK4495SEQ Datasheet
1Mb / 58P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495 AKM-AK4495 Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4462 AKM-AK4462 Datasheet
1Mb / 104P
   117dB 768kHz 32-bit 2ch Premium DAC
AK4493 AKM-AK4493 Datasheet
2Mb / 104P
   Quality Oriented 32-Bit 2ch DAC
AK4492ECB AKM-AK4492ECB Datasheet
2Mb / 101P
   Quality Oriented 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com