Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61200621621 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61200621621
Description  2.54MM MALE BOX HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61200621621 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61200621621 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61200621621 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
B
C
D
E
F
G
APPROVAL: RJ
UNIT: MM
SCALE:
SHEET: 2/2
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
WERI PART NO:
DESCRIPTION: 2.54MM MALE BOX HEADER
612 0xx 216 21


Similar Part No. - 61200621621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61200621721 WURTH-61200621721 Datasheet
1Mb / 2P
   2.54MM MALE ANGLED BOX HEADER
More results

Similar Description - 61200621621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6120XX21721 WURTH-6120XX21721 Datasheet
1Mb / 2P
   2.54MM MALE ANGLED BOX HEADER
6120XX22021 WURTH-6120XX22021 Datasheet
1Mb / 3P
   2.54MM MALE BOX HEADER WITH SHORT LEVER
6123XX20621 WURTH-6123XX20621 Datasheet
656Kb / 3P
   WR-BHD - 2.54MM MALE SMT BOX HEADER
612020235121 WURTH-612020235121 Datasheet
189Kb / 5P
   WR-BHD Male Box Header
002.000
612026235121 WURTH-612026235121 Datasheet
189Kb / 5P
   WR-BHD Male Box Header
002.000
61203921621 WURTH-61203921621 Datasheet
884Kb / 7P
   WR-BHD Male Box Header
002.000
62501022021 WURTH-62501022021 Datasheet
583Kb / 7P
   WR-BHD Male Box Header
002.000
62501422021 WURTH-62501422021 Datasheet
583Kb / 7P
   WR-BHD Male Box Header
002.000
62501021621 WURTH-62501021621 Datasheet
277Kb / 5P
   WR-BHD Male Box Header
002.000
62501421621 WURTH-62501421621 Datasheet
277Kb / 5P
   WR-BHD Male Box Header
002.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com