Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61202021721 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61202021721
Description  2.54MM MALE ANGLED BOX HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61202021721 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61202021721 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61202021721 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
09-MAR-99
PDF
JP
B
21-JUN-04
LEAD FREE
JP
C
19-DEC-06
DRAW
EC
D
26-DEC-07
PIN POSITIONS
CH
E
03-MAR-08
PIN POSITIONS
CH
F
16-NOV-09
STANDARD
JP
G
APPROVAL: RJ
UNIT: MM
DESCRIPTION: 2.54MM MALE ANGLED BOX HEADER
SCALE:
SHEET: 1/2
WERI PART NO: 612 0xx 217 21
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PBT
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 2.54MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 125°C
FLAMABILITY RATING: UL94-V0
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A MAX
WORKING VOLTAGE: 250V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964 / MODEL NUMBER 612-217
SOLDERING
WAVE PROCESS ONLY
PACKAGING
TRAY
DIMENSION
A = 2.54 x (NB. PIN / 2 - 1)
B = 2.54 x (NB. PIN / 2) + 7.66
16-NOV-09
PACKAGING
JC


Similar Part No. - 61202021721

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61202021621 WURTH-61202021621 Datasheet
1Mb / 2P
   2.54MM MALE BOX HEADER
More results

Similar Description - 61202021721

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
612006235221 WURTH-612006235221 Datasheet
187Kb / 5P
   WR-BHD Male Angled Box Header
002.000
612034235221 WURTH-612034235221 Datasheet
187Kb / 5P
   WR-BHD Male Angled Box Header
002.000
61204022121 WURTH-61204022121 Datasheet
822Kb / 7P
   WR-BHD Male Angled Box Header
003.000
61201021721 WURTH-61201021721 Datasheet
1Mb / 7P
   WR-BHD Male Angled Box Header
002.000
62505022121 WURTH-62505022121 Datasheet
699Kb / 7P
   WR-BHD Male Angled Box Header
002.000
612010235221 WURTH-612010235221 Datasheet
187Kb / 5P
   WR-BHD Male Angled Box Header
002.000
612026235221 WURTH-612026235221 Datasheet
187Kb / 5P
   WR-BHD Male Angled Box Header
002.000
61202622121 WURTH-61202622121 Datasheet
821Kb / 7P
   WR-BHD Male Angled Box Header
003.000
62504022121 WURTH-62504022121 Datasheet
699Kb / 7P
   WR-BHD Male Angled Box Header
002.000
62504422121 WURTH-62504422121 Datasheet
699Kb / 7P
   WR-BHD Male Angled Box Header
002.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com