Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61231620621 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61231620621
Description  WR-BHD - 2.54MM MALE SMT BOX HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61231620621 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61231620621 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61231620621 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61231620621 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 61231620621

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6123 FILTRAN-6123 Datasheet
104Kb / 1P
   POWER LINE FILTER 28VDC 100A
logo
Tyco Electronics
6123000-1 MACOM-6123000-1 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
TE Connectivity Ltd
6123000-1 TEC-6123000-1 Datasheet
192Kb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONT ROLLING ENGINEERING
logo
Tyco Electronics
6123000-2 MACOM-6123000-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
6123001-1 MACOM-6123001-1 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 61231620621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61232620621 WURTH-61232620621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
003.001
61233420621 WURTH-61233420621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61234020621 WURTH-61234020621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61232420621 WURTH-61232420621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
001.001
62702420621 WURTH-62702420621 Datasheet
302Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62733020621 WURTH-62733020621 Datasheet
388Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62736020621 WURTH-62736020621 Datasheet
386Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62701020621 WURTH-62701020621 Datasheet
303Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62703420621 WURTH-62703420621 Datasheet
302Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62732620621 WURTH-62732620621 Datasheet
388Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com