Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62039124022 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 62039124022
Description  2.00 MM SMT MALE VERTICAL SHROUDED HEADER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

62039124022 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  62039124022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
23-JUN-08
PDF
CH
B
07-NOV-08
DIMENSION B
CH
C
28-JAN-09
B DIMENSION
JP
D
17-NOV-09
STANDARD
JP
E
F
G
APPROVAL: RJ
UNIT: MM
DESCRIPTION: 2.00 MM SMT MALE VERTICAL SHROUDED HEADER
SCALE:
SHEET: 1/2
WERI PART NO:
DRAW:
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: NYLON 9T
FLAMABILITY RATING: UL94-V0
COLOR: BEIGE
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: TIN
QUALITY CLASS: 25 MATING CYCLES
PITCH: 2.00MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -25 UP TO 85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 2A
WORKING VOLTAGE: 100V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 800V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964
PACKAGING
TAPE AND REEL WITH CAP
DIMENSION
A = 2.00 x (NB PIN - 1)
B = 2.00 x (NB PIN - 1) + 5.90
PCB LAYOUT - COMPONENT VIEW
21-DEC-12
TOLERENCE
AR
30-JAN-13
WRK VOLTAGE
QL
06-AUG-13
CHARACTERISTIC
QL
6203xx124022
SOLDERING
SOLDER TEMP.: JEDEC LEAD FREE REFLOW SOLDERING
RECOMMENDED ASSEMBLY DIMENSION
SECTION A-A


Similar Part No. - 62039124022

ManufacturerPart #DatasheetDescription
logo
Linear Technology
6203 LINER-6203 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
logo
Pomona Electronics
6203 POMONA-6203 Datasheet
27Kb / 1P
   Spade Lug to Insulated Banana Jack
logo
Wurth Elektronik GmbH &...
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
logo
Micropac Industries
62033 MICROPAC-62033 Datasheet
86Kb / 2P
   GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
62033-001 MICROPAC-62033-001 Datasheet
86Kb / 2P
   GaAs LIGHT EMITTING DIODE, TO-46 PACKAGE
More results

Similar Description - 62039124022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6201XX131822 WURTH-6201XX131822 Datasheet
1Mb / 1P
   2.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
6240XX21622 WURTH-6240XX21622 Datasheet
916Kb / 3P
   2.00 MM DUAL ROW MALE VERTICAL SHROUDED HEADER
H 17-APR-17
6531XX124022 WURTH-6531XX124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
6793XX124022 WURTH-6793XX124022 Datasheet
890Kb / 3P
   1.50 MM SMT MALE VERTICAL SHROUDED HEADER
I 28-FEB-17
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
logo
FCI connector
98424 FCI-CONNECTOR-98424 Datasheet
174Kb / 2P
   SHR HEADER 2.00 VERTICAL SMT
98424-G52-14 FCI-CONNECTOR-98424-G52-14 Datasheet
174Kb / 2P
   SHR HEADER 2.00 VERTICAL SMT
98424-G52-04ALF FCI-CONNECTOR-98424-G52-04ALF Datasheet
174Kb / 2P
   SHR HEADER 2.00 VERTICAL SMT
logo
Wurth Elektronik GmbH &...
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
6651XX131822 WURTH-6651XX131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com