Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-201AY1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G3VM-201AY1
Description  Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-201AY1 Datasheet(HTML) 7 Page - Omron Electronics LLC

  G3VM-201AY1 Datasheet HTML 1Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 2Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 3Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 4Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 5Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 6Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 7Page - Omron Electronics LLC G3VM-201AY1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
G3VM-@AY@/@DY@
MOS FET Relays
G
3
V
M
@
A
Y
@
/
@
D
Y
@
I
D
I
P
■Engineering Data
Turn ON, Turn OFF time vs.
Ambient temperature
G3VM-41AY1/DY1
G3VM-61AY1/DY1
G3VM-201AY/DY
G3VM-351AY/DY
G3VM-401AY/DY
G3VM-601AY/DY
Current leakage vs.
Ambient temperature
G3VM-41AY/DY/AY1/DY1
G3VM-61AY/DY/AY1/DY1
G3VM-201AY/DY/AY1/DY1
G3VM-351AY/DY/AY1/DY1
G3VM-401AY/DY/AY1/DY1
G3VM-601AY/DY/AY1/DY1
tON, tOFF - Ta
Ambient temperature Ta (°C)
(Average value)
10
100
1000
10000
-40
-20
0
20
40
60
80
100
G3VM-41AY/DY
G3VM-41AY/DY
G3VM-61AY/DY
G3VM-61AY/DY
VDD=20V
RL=200
Ω
IF=5mA
tOFF
tON
tON
tON, tOFF - Ta
Ambient temperature Ta (°C)
(Average value)
10
100
1000
-40
-20
0
20
40
60
80
100
G3VM-351AY/DY
G3VM-351AY/DY
G3VM-201AY/DY
G3VM-201AY/DY
tOFF
tOFF
tON
tON
VDD=20V
RL=200
Ω
IF=5mA
tON, tOFF - Ta
Ambient temperature Ta (°C)
(Average value)
10
100
1000
-40
-20
0
20
40
60
80
100
G3VM-401AY/DY
G3VM-601AY/DY
G3VM-601AY/DY
G3VM-401AY/DY
tOFF
tON
G3VM-401AY1/DY1: VDD=20V, RL=200
Ω, IF=5mA
G3VM-601AY1/DY1: VDD=10V, RL=200
Ω, IF=5mA
ILEAK - Ta
Ambient temperature Ta (°C)
(Average value)
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
G3VM-41AY/DY/AY1/DY1
G3VM-61AY/DY/AY1/DY1
VOFF=Load Voltage Ratings
ILEAK - Ta
Ambient temperature Ta (°C)
(Average value)
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
G3VM-351AY/DY/AY1/DY1
G3VM-201AY/DY/AY1/DY1
VOFF=Load Voltage Ratings
ILEAK - Ta
Ambient temperature Ta (°C)
(Average value)
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
G3VM-601AY/DY/AY1/DY1
G3VM-401AY/DY/AY1/DY1
VOFF=Load Voltage Ratings


Similar Part No. - G3VM-201AY1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-201CR OMRON-G3VM-201CR Datasheet
2Mb / 6P
   MOS FET Relays DIP 8-pin, High-Current and Low-ON-resistance Type
G3VM-201FR OMRON-G3VM-201FR Datasheet
2Mb / 6P
   MOS FET Relays DIP 8-pin, High-Current and Low-ON-resistance Type
G3VM-201FR-TR05 OMRON-G3VM-201FR-TR05 Datasheet
2Mb / 6P
   MOS FET Relays DIP 8-pin, High-Current and Low-ON-resistance Type
G3VM-201G OMRON-G3VM-201G Datasheet
364Kb / 6P
   MOS FET Relays
G3VM-201G OMRON-G3VM-201G Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
More results

Similar Description - G3VM-201AY1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1270F160REQAT E-SWITCH-TL1270F160REQAT Datasheet
216Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQBT E-SWITCH-TL1270F160GYQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQBT E-SWITCH-TL1270F160REQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQAT E-SWITCH-TL1270F160GYQAT Datasheet
217Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
logo
Omron Electronics LLC
G3VM-61VY OMRON-G3VM-61VY Datasheet
81Kb / 2P
   Special SOP4-pin package with Dielectric strength AC 3.75 kV
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
   High case dielectric strength of 2500 V
logo
Holtek Semiconductor In...
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
   Small Package I/O Type 8-Bit OTP MCU
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
   3kV dielectric strength
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com