Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5RL-U Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5RL-U
Description  16 A High Switching Current, General-purpose Latching Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5RL-U Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5RL-U Datasheet HTML 1Page - Omron Electronics LLC G5RL-U Datasheet HTML 2Page - Omron Electronics LLC G5RL-U Datasheet HTML 3Page - Omron Electronics LLC G5RL-U Datasheet HTML 4Page - Omron Electronics LLC G5RL-U Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
G5RL-U/-K
PCB Power Relay
G
5
R
L
U
/
K
Note. The rated current and resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.


Similar Part No. - G5RL-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5RL-1-E OMRON-G5RL-1-E Datasheet
619Kb / 10P
   PCB Relay
G5RL-1-E-HR OMRON-G5RL-1-E-HR Datasheet
619Kb / 10P
   PCB Relay
G5RL-1A-E-HR OMRON-G5RL-1A-E-HR Datasheet
619Kb / 10P
   PCB Relay
G5RL-1A-E-HR-DC24 OMRON-G5RL-1A-E-HR-DC24 Datasheet
619Kb / 10P
   PCB Relay
G5RL-1A-E-LN OMRON-G5RL-1A-E-LN Datasheet
619Kb / 10P
   PCB Relay
More results

Similar Description - G5RL-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MYK OMRON-MYK Datasheet
86Kb / 4P
   General-purpose Latching Relay
logo
Littelfuse
HCR-5 LITTELFUSE-HCR-5 Datasheet
161Kb / 2P
   General Purpose Switching Relay
2022 Rev: 052422
HCR-6 LITTELFUSE-HCR-6 Datasheet
200Kb / 2P
   General Purpose Switching Relay
2022 Littelfuse, Inc.
logo
Omron Electronics LLC
G9TA OMRON-G9TA Datasheet
174Kb / 5P
   60 A High power latching relay
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17 Datasheet
55Kb / 3P
   HIGH OPWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com