Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5RL-U1-E Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5RL-U1-E
Description  16 A High Switching Current, General-purpose Latching Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5RL-U1-E Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5RL-U1-E Datasheet HTML 1Page - Omron Electronics LLC G5RL-U1-E Datasheet HTML 2Page - Omron Electronics LLC G5RL-U1-E Datasheet HTML 3Page - Omron Electronics LLC G5RL-U1-E Datasheet HTML 4Page - Omron Electronics LLC G5RL-U1-E Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
G
5
R
L
U
/
K
G5RL-U/-K
PCB Power Relay
16 A High Switching Current,
General-purpose Latching Relay
• Creepage distance 8 mm between coil and contacts.
• 10 kV Impulse withstand voltage.
• Ambient Operating Temperature 85°C
• Suitable for TV-8 rating. (SPST-NO (1a))
■Model Number Legend
■Application Examples
• Housing equipments
• Building Automation
• UPS, FA equipment
• Electric power meter
■Ordering Information
Note. When ordering, add the rated coil voltage to the model number.
Example: G5RL-U1A-E DC5
However, the notation of the coil voltage on the product case as well as on the packing will be marked as
@@ VDC.
■Ratings
●Coil
Single-winding Latching Type
Double-winding Latching Type
RoHS Compliant
1. Relay Function
U : Single-winding latching
K : Double-winding latching
2. Number of poles
1: 1-Pole
3. Contact Form
None: SPDT (1c)
A : SPST-NO (1a)
4. Classification
E : High-capacity
G5RL-
@@@-@
12 3
4
Classification
Terminal Shape
Contact form
Enclosure rating
Single-winding latching
Double-winding latching
Minimum
packing unit
Model
Rated coil voltage
Model
Rated coil voltage
High-capacity
PCB terminals
SPST-NO
(1a)
Flux protection
G5RL-U1A-E
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
G5RL-K1A-E
5 VDC
12 VDC
24 VDC
100 pcs/tray
SPDT (1c)
G5RL-U1-E
G5RL-K1-E
Rated Voltage
Rated current
(mA)
Coil resistance
(
Ω)
Must set
voltage
Must reset
voltage
Max voltage
Power
consumption
(W)
% of rated voltage
3 VDC
200
15
70% max.
70% max.
130%
Approx. 0.6
5 VDC
120
41.7
6 VDC
100
60
12 VDC
50
240
24 VDC
25
960
Rated Voltage
Rated current
(mA)
Coil resistance (
Ω)
Must set
voltage
Must reset
voltage
Max voltage
Power consumption
(W)
Set coil
Reset coil
Set coil
Reset coil
% of rated voltage
Set coil
Reset coil
5 VDC
150
33.3
70% max.
70% max.
130%
Approx. 0.75
12 VDC
62.5
192
24 VDC
35
686
Approx. 0.84
Rated coil voltage


Similar Part No. - G5RL-U1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5RL-1-E OMRON-G5RL-1-E Datasheet
619Kb / 10P
   PCB Relay
G5RL-1-E-HR OMRON-G5RL-1-E-HR Datasheet
619Kb / 10P
   PCB Relay
G5RL-1A-E-HR OMRON-G5RL-1A-E-HR Datasheet
619Kb / 10P
   PCB Relay
G5RL-1A-E-HR-DC24 OMRON-G5RL-1A-E-HR-DC24 Datasheet
619Kb / 10P
   PCB Relay
G5RL-1A-E-LN OMRON-G5RL-1A-E-LN Datasheet
619Kb / 10P
   PCB Relay
More results

Similar Description - G5RL-U1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MYK OMRON-MYK Datasheet
86Kb / 4P
   General-purpose Latching Relay
logo
Littelfuse
HCR-5 LITTELFUSE-HCR-5 Datasheet
161Kb / 2P
   General Purpose Switching Relay
2022 Rev: 052422
HCR-6 LITTELFUSE-HCR-6 Datasheet
200Kb / 2P
   General Purpose Switching Relay
2022 Littelfuse, Inc.
logo
Omron Electronics LLC
G9TA OMRON-G9TA Datasheet
174Kb / 5P
   60 A High power latching relay
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17 Datasheet
55Kb / 3P
   HIGH OPWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com