Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6D-1A-ASI-AP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6D-1A-ASI-AP
Description  Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6D-1A-ASI-AP Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6D-1A-ASI-AP Datasheet HTML 1Page - Omron Electronics LLC G6D-1A-ASI-AP Datasheet HTML 2Page - Omron Electronics LLC G6D-1A-ASI-AP Datasheet HTML 3Page - Omron Electronics LLC G6D-1A-ASI-AP Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
G6D
PCB Power Relay
G
6
D
■Engineering Data
■Dimensions
●Maximum Switching Capacity
●Durability
●Ambient Temperature vs.
Maximum Coil Voltage
Note. The maximum coil voltage is the maximum
voltage that can be applied to the relay coil.
●Ambient Temperature vs. Must
Operate and Must Release
Voltages
G6D-1A-ASI (-AP)
●Shock Malfunction
G6D-1A-ASI (-AP)
Sample: G6D-1A-ASI 24 VDC
Number of Relays: 5 pcs
Test conditions: Impose a shock in the ±X, ±Y, and ±Z
directions three times each with the Relay energized to
check the shock values that cause the Relay to
malfunction.
Switching voltage (V)
50
30
10
5
3
1
0.5
0.3
0.1
0
3
5
10
30
100
250
500 1,000
AC resistive load
AC inductive
load
cos
φ=0.4
DC resistive load
DC inductive load
250 VAC/30 VDC resistive load
250 VAC/30 VDC inductive load
(cos
φ=0.4/ L/R=7 ms)
Switching current (A)
1
2
3
4
5
6
7
8
9
10
500
300
100
50
30
10
5
3
0
Ambient temperature (°C)
200
180
160
140
120
100
80
60
0
23
30
40
50
60
70
80
90
100
80
60
40
20
0
Ambient temperature (°C)
Sample: G6D-1A-ASI
Number of Relays:
5 pcs
-40
-20
0
20
40
60
80
Must Operating voltage
Must Recovery voltage
max.
min.
X
max.
min.
X
Z'
Z
Z
Z'
Shock direction
Unit: m/s2
Y
Y
Y'
Y'
X
X
X'
X'
De-energized
Energized
1,000
206
800
600
400
200
Coil terminals
17.5 max.
(17.3)*
6.5 max.
(6.4)*
12.5 max.
(12.4)*
2.54
2.54
(1.13)
(0.71)
5.08
10.16
5.08
Four, 1.1-dia.
1
57
13
0.5
3.5
0.3
5.08
7.62
2.54
0.5
0.8
5.08
* Average value
Note: Orientation marks are indicated as follows:
G6D-1A-ASI (-AP)
Terminal Arrangement/
Internal Connections
(Bottom View)
PCB Mounting Holes
(Bottom View)
(No coil polarity)
19.7 max.
(19.5)*
6.9 max.
(6.7)*
2.54
2.54
(2.18)
(0.86)
5.08
10.16
5.08
Four, 1.1-dia.
10.8
0.3
3.6
7.62
2.54
0.65
5.08
* Average value
6±0.1
Socket
P6D-04P
PCB Mounting Holes
(Bottom View)


Similar Part No. - G6D-1A-ASI-AP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A-ASI-APDC24 OMRON-G6D-1A-ASI-APDC24 Datasheet
643Kb / 6P
   Power PCB Relay
More results

Similar Description - G6D-1A-ASI-AP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6M-1A-DC5 OMRON-G6M-1A-DC5 Datasheet
367Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01 AD-TMP01 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
   Outputs Capable of Sourcing and Sinking 2A
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com