Electronic Components Datasheet Search |
|
G8NW-2L Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
G8NW-2L Datasheet(HTML) 1 Page - Omron Electronics LLC |
1 / 3 page 35 G8NW Micro-mini dual PCB relay for automobile use (2 independent circuits) High-density design (smallest class in the industry) Half-size in comparison with the existing type (Omron G8QW) • 2 single, independent relays in 1 case. • Optimum for reverse motor control for a window motor, wiper motor, etc. ■Purpose • DC motor control for automobile parts (Door lock motor, power window motor, sunroof motor, etc.) • Flasher lamp (indicator or hazard) ■Type standard ■Ratings/Performance Classification Symbol Meaning of the symbol A Basic type G8NW Micro-mini dual relay for automobile use B Number of contact poles and configuration 2 Standard contact configuration 2c C Spec/Appropriate symbol Blank Standard Spec English character Appropriate Spec (set individually) Type G8NW-2 G8NW-2S G8NW-2L G8NW-2H G8NW-2U G8NW-2F Item Standard Low operating voltage High heat resis- tance High heat resis- tance and Low operating voltage Super low oper- ating voltage For flasher lamp Coil Rated coil voltage 12 VDC Coil resistance (at 20 °C) 225 Ω 180 Ω 225 Ω 180 Ω 130 Ω Service voltage range 10 to 16 VDC Operating voltage (at 20 °C) 7.2 V or less 6.5 V or less 7.2 V or less 6.5 V or less 5.5 V or less 7.2 V or less Release voltage (at 20 °C) 1.0 V or more 0.8 V or more Max value of rated coil voltage (5A) 14 VDC (continuous) 16 VDC at 15 min 12 VDC (continuous) 16 VDC at 5 min 16 VDC (continuous) 14 VDC (continuous) 16 VDC at 15 min 16 VDC at 3 min 16 VDC (a fleeting moment) 85 times/min Contact Contact configuration 1c × 2 (SPDT × 2) Contact material AgSn type (non-cadmium) PdRu alloy Rated load 14 VDC 25 A Motor load 54 W lamp 85 times/min Polarized (No. 3 terminal+) Max switching current 30 A Endurance (Lifetime) Mechanical 1,000,000 times 10,000,000 times Electrical (Rated load) 100,000 times 2000 hrs Mechanical Impact resistance Malfunction 100 m/s2 Destruction 1,000 m/s2 Vibration resistance Malfunction 10~55 Hz, Peak to peak: 1.5 mm Destruction 10~55 Hz, Peak to peak: 1.5 mm Ambient temperature range −40~+85°C −40~+105°C −40~+85°C Weight About 8.0 g AB C G8NW- @@ |
Similar Part No. - G8NW-2L |
|
Similar Description - G8NW-2L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |