Electronic Components Datasheet Search |
|
FR157 Datasheet(PDF) 1 Page - Mospec Semiconductor |
|
FR157 Datasheet(HTML) 1 Page - Mospec Semiconductor |
1 / 3 page MOSPEC FR151 THRU FR157 FAST RECOVERY RECTIFIER Voltage rang 50 TO 1000 Volts Current 1 .5 Ampere FEATURES * Fast switching for high efficiency * Glass Passivated Chip junction * Low leakage * High temperature soldering guaranteed 260℃/10 seconds, 0.375”(9.5 mm) lead length at 5 lbs(2.3kg) tension MECHANICAL DATA * Case:Transfer Molded Plastic * Epoxy: UL94V-O rate flame retardant * Terminals:Plated axial lead, Solderable Per MIL-STD-202 Method 208 * Polarity:Color band denotes cathode end * Mounting position: Any * Weight: 0.014 ounce. 0.39 gram (approx) DO-15 MILLIMETERS DIM MIN MAX A 2.60 3.60 B 25.40 --- C 5.80 7.60 D 0.70 0.90 MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS * Rating at 25℃ ambient temperature unless otherwise specified * Single phase,half wave. 60Hz, resistive or inductive load. * For capacitive load derate current by 20 % Characteristic Symbol FR151 FR152 FR153 FR154 FR155 FR156 FR157 Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V Average Rectifier Forward Current Per Leg TC=55℃ IF(AV) 1.5 A Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) IFSM 60 A Maximum Instantaneous Forward Voltage ( IF =1.5 Amp TC = 25℃) VF 1.3 V Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25℃) ( Rated DC Voltage, TC = 125℃) IR 5.0 200 uA Reverse Recovery Time (Note 3) Trr 150 250 500 ns Typical Junction Capacitance (Note 1) Cj 20 pF Typical Thermal Resistance (Note 2) Rθ jA 50 ℃ /W Operating and Storage Junction Temperature Range TJ , Tstg -65 to +175 ℃ NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to ambient at .375”(9.5mm)lead length, P.C. board mounted 3.Test conditions: IF = 0.5 A, IR =1.0 , IRR=0.25 A |
Similar Part No. - FR157 |
|
Similar Description - FR157 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |