Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB480V Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # RB480V
Description  SCHOTTLKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

RB480V Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  RB480V Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB480V Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB480V Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB480V Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-553 Plastic-Encapsulate Diodes
RB480V
SCHOTTLKY BARRIER DIODE
FEATURES
Low current rectification
High reliability
MARKING: 3T
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25℃
Parameter
Symbol
Limit
Unit
Peak reverse voltage
VRM
45
V
DC reverse
VR
40
V
Non-repetitive Peak Forward Surge
Current@t=8.3ms
IFSM
1
A
Mean rectifying current
IO
0.1
A
Electrical Ratings @Ta=25℃
Parameter Sy
mbol
Min
Typ
Max
Unit
Conditions
Forward voltage
VF
450
600
mV
IF=10mA
IF=100mA
Reverse current
IR
1
5
µA
VR=10V
VR=40V
Capacitance between terminals
CT
6
25
pF
VR=0V
VR=10V,f=1MHz
SOT-553
5
1
2
4
3
Junction temperature
Tj
125
Storage temperature
Tstg
-55~+150
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
667
/W
1
F,Dec,2015
www.cj-elec.com
Solid dot = Pin1 indicate.
3T
3T
Solid dot = Green molding compound device,if none,
the normal device.


Similar Part No. - RB480V

ManufacturerPart #DatasheetDescription
logo
Rohm
RB480 ROHM-RB480 Datasheet
59Kb / 2P
   Shottky barrier diode
RB480K ROHM-RB480K Datasheet
59Kb / 2P
   Shottky barrier diode
RB480K ROHM-RB480K Datasheet
205Kb / 4P
   Shottky barrier diode
RB480K ROHM-RB480K Datasheet
192Kb / 4P
   Shottky barrier diode
logo
Micro Commercial Compon...
RB480K MCC-RB480K Datasheet
667Kb / 7P
   40 Volts Schottky Barrier Diode
More results

Similar Description - RB480V

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
RB481K JIANGSU-RB481K Datasheet
1,004Kb / 4P
   SCHOTTLKY BARRIER DIODE
RB480K JIANGSU-RB480K Datasheet
1Mb / 4P
   SCHOTTLKY BARRIER DIODE
logo
Shenzhen Jin Yu Semicon...
RB481K HTSEMI-RB481K Datasheet
2Mb / 1P
   SCHOTTLKY BARRIER DIODE
RB480K HTSEMI-RB480K Datasheet
1Mb / 2P
   SCHOTTLKY BARRIER DIODE
logo
Jiangsu Changjiang Elec...
BAT64X JIANGSU-BAT64X Datasheet
662Kb / 4P
   SCHOTTLKY BARRIER DIODE
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com