Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ358C-T1-AZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SJ358C-T1-AZ
Description  P-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ358C-T1-AZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SJ358C-T1-AZ Datasheet HTML 1Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 2Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 3Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 4Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 5Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 6Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 7Page - Renesas Technology Corp 2SJ358C-T1-AZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1262EJ0300 Rev.3.00
Page 1 of 6
Aug 17, 2015
Preliminary Data Sheet
2SJ358C
P-CHANNEL MOSFET FOR SWITCHING
Description
The 2SJ358C, P-channel vertical type MOSFET designed for general-purpose switch, is a device which can be driven
directly by a 4.0 V power source.
Features
Directly driven by a 4.0 V power source.
 Low on-state resistance
RDS(on)1 = 143 m
 MAX. (VGS = -10 V, ID = -2.0 A)
RDS(on)2 = 179 m
 MAX. (VGS = -4.5 V, ID = -2.0 A)
RDS(on)3 = 190 m
 MAX. (VGS = -4.0 V, ID = -2.0 A)
Ordering Information
Part Number
Lead Plating
Packing
Package
2SJ358C-T1-AZ/AY
-AZ : Sn-Bi , -AY : Pure Sn
1000p/Reel
SC-84 (MP-2)
Remark "-AZ/AY" indicates Pb-free. This product does not contain Pb in external electrode and other parts.
Marking XT1
Absolute Maximum Ratings (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
-60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
20
V
Drain Current (DC)
ID(DC)
3.5
A
Drain Current (pulse) Note1
ID(pulse)
14
A
Total Power Dissipation Note2
PT
2.0
W
Channel Temperature
Tch
150
C
Storage Temperature
Tstg
55 to 150
C
Note1 PW
 10
s, Duty Cycle  1%
Note2 16 cm2 X 0.7mm, ceramic substrate used
R07DS1262EJ0300
Rev.3.00
Aug 17, 2015


Similar Part No. - 2SJ358C-T1-AZ

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ358 NEC-2SJ358 Datasheet
97Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
logo
Renesas Technology Corp
2SJ358 RENESAS-2SJ358 Datasheet
288Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1994
More results

Similar Description - 2SJ358C-T1-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA573CT RENESAS-UPA573CT Datasheet
198Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA603CT RENESAS-UPA603CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
UPA503CT RENESAS-UPA503CT Datasheet
197Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ210C RENESAS-2SJ210C Datasheet
162Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
2SJ356C RENESAS-2SJ356C Datasheet
246Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
logo
Panasonic Semiconductor
MTM761230LBF PANASONIC-MTM761230LBF Datasheet
429Kb / 7P
   Silicon P-channel MOSFET For Switching
MTM231230L PANASONIC-MTM231230L Datasheet
388Kb / 7P
   Silicon P-channel MOSFET For Switching
logo
Renesas Technology Corp
PA2592T1H RENESAS-PA2592T1H_15 Datasheet
324Kb / 13P
   N- AND P-CHANNEL MOSFET FOR SWITCHING
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com