Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C226S Datasheet(PDF) 3 Page - Coto Technology

Part # C226S
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C226S Datasheet(HTML) 3 Page - Coto Technology

  C226S_15 Datasheet HTML 1Page - Coto Technology C226S_15 Datasheet HTML 2Page - Coto Technology C226S_15 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
tel: (401) 943.2686
|
cotorelay.com
COTO TECHNOLOGY, INC.
0
1
2
3
4
5
1
2
3
4
5
-40-20
0204060
100
80
-40-20
0204060
0
0.1
0.2
0.3
0.4
0.5
-40-20
0204060
100
80
0
0.1
0.2
0.3
0.4
0.5
-40-20
0204060
100
80
0
100
80
On resistance Vs.
Ambient temperature
Turn on time Vs.
Ambient temperature
Ambient temperature, ºC
Ambient temperature, ºC
Ambient temperature, ºC
Ambient temperature, ºC
Ambient temperature, ºC
Turn off time Vs.
Ambient temperature
LED operate current Vs.
Ambient temperature
LED Turn off current Vs.
Ambient temperature
LED forward voltage Vs.
Ambient temperature
Off state leakage current Vs.
Load voltage characteristics
Ambient temperature, ºC
Load voltage (V)
LED foward current Vs.
turn on time characteristics
Applied voltage Vs.
output capacitance characteristics
LED foward current Vs.
turn off time characteristics
Applied voltage (V)
LED foward current (mA)
LED foward current (mA)
-40-20
020406080
100
0
1.0
2.0
2.5
3.0
Ambient temperature, ºC
Load current Vs.
Ambient temperature
1.5
0.5
0
1
2
3
4
5
-40-20
0204060
100
80
1
1.1
1.2
1.3
1.4
1.5
-40-20
0204060
100
80
0102030405060
1
10
-12
10
-10
10
-8
10
-6
10
-4
01020304050
0
0.5
1
1.5
2
2.5
01020304050
0
0.1
0.2
0.3
0.4
0.5
0102030405060
0
100
200
300
400
500
DIP
SOP
Voltage Vs. current characteristics
of output at MOS portion
-0.6
-0.4
-0.2
00.2
0.40.6
2
1
-2
-1
Voltage, V
DIP
SOP
DIP
SOP
26 SERIES GRAPHS
03182015


Similar Part No. - C226S_15

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
More results

Similar Description - C226S_15

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C574S COTO-C574S_14 Datasheet
657Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C774S COTO-C774S_14 Datasheet
582Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT147 COTO-CT147_14 Datasheet
634Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT326 COTO-CT326_14 Datasheet
725Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT334 COTO-CT334_14 Datasheet
625Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C230S COTO-C230S_14 Datasheet
656Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C247S COTO-C247S_14 Datasheet
649Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT135 COTO-CT135_14 Datasheet
631Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C234S COTO-C234S_14 Datasheet
786Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT126 COTO-CT126_14 Datasheet
766Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com