Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C326S Datasheet(PDF) 2 Page - Coto Technology

Part # C326S
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C326S Datasheet(HTML) 2 Page - Coto Technology

  C326S Datasheet HTML 1Page - Coto Technology C326S Datasheet HTML 2Page - Coto Technology C326S Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 69
page | 69
C226S/C326S MAXIMUM RATINGS (Ambient Temperature: 25ºC)
Parameters
Symbol
Units
Value
INPUT SPECIFICATIONS
Continuous LED Current
IF
mA
50
Peak LED Current
IFP
mA
500
LED Reverse Voltage
VR
V
5
Input Power Dissipation
Pin
mW
75
OUTPUT SPECIFICATIONS
Load Voltage
VL
V (AC peak or DC)
40
Load Current
IL
A
2.0 (1Ch) / 1.6 (2Ch)
Peak Load Current
IPeak
A
3.5
Output Power Dissipation
POut
mW
350 (1Ch) / 450 (2Ch)
RELAY SPECIFICATIONS
Total Power Dissipation
PT
mW
400 (1Ch) / 500 (2Ch)
I/O Breakdown Voltage
VI/O
Vrms
1500
Operating Temperature
TOpr
ºC
-40 ~ +85
Storage Temperature
TStg
ºC
-40 ~ +100
C226S/C326S ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25ºC)
Parameters
Symbol
Test Conditions
Units
Min
Typ
Max
INPUT
LED Forward Voltage
VF
IF=10mA
V
1.0
1.37
1.5
Operation LED Current
IF On
mA
0.5
3.0
Recovery LED Voltage
VF Off
V
0.5
OUTPUT
On-Resistance Drain to Drain
ROn
IF=5mA, IL=Rating
Time to flow is within 1 sec.
0.085
0.5
Off-State Leakage Current
ILeak
VL=40V
μA
1.0
Output Capacitance
COut
VL=0V, f=1MHz
pF
240
TRANSMISSION
Turn-On Time
TOn
IF=5mA, IL=Rating
ms
0.5
3.0
Turn-Off Time
TOff
ms
0.04
0.5
COUPLED
I/O Insulation Resistance
RI/O
109
I/O Capacitance
CI/O
f=1MHz
pF
1.3
Environmental Ratings:
Operating Temp: -40°C to +85° C; Storage Temp: –40 to +100 C.
All electrical parameters measured at 25° C unless otherwise specified.
03182015


Similar Part No. - C326S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C326S COTO-C326S Datasheet
388Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
More results

Similar Description - C326S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C574S COTO-C574S_14 Datasheet
657Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C774S COTO-C774S_14 Datasheet
582Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT147 COTO-CT147_14 Datasheet
634Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT326 COTO-CT326_14 Datasheet
725Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT334 COTO-CT334_14 Datasheet
625Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C230S COTO-C230S_14 Datasheet
656Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C247S COTO-C247S_14 Datasheet
649Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT135 COTO-CT135_14 Datasheet
631Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C234S COTO-C234S_14 Datasheet
786Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT126 COTO-CT126_14 Datasheet
766Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com