Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7864 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7864
Description  500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7864 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS7864 Datasheet HTML 1Page - Burr-Brown (TI) ADS7864 Datasheet HTML 2Page - Burr-Brown (TI) ADS7864 Datasheet HTML 3Page - Burr-Brown (TI) ADS7864 Datasheet HTML 4Page - Burr-Brown (TI) ADS7864 Datasheet HTML 5Page - Burr-Brown (TI) ADS7864 Datasheet HTML 6Page - Burr-Brown (TI) ADS7864 Datasheet HTML 7Page - Burr-Brown (TI) ADS7864 Datasheet HTML 8Page - Burr-Brown (TI) ADS7864 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ADS7864
®
SPECIFICATIONS
All specifications TMIN to TMAX, +VA = +VD = +5V, VREF = internal +2.5V and fCLK = 8MHz, fSAMPLE = 500kHz, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ADS7864Y
ADS7864YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
T
Bits
ANALOG INPUT
Input Voltage Range-Bipolar
VCENTER = +2.5V
–VREF
+VREF
TT
V
Absolute Input Range
+IN
–0.3
+VA + 0.3
V
–IN
–0.3
+VA + 0.3
V
Input Capacitance
15
T
pF
Input Leakage Current
CLK = GND
±1
T
µA
SYSTEM PERFORMANCE
No Missing Codes
12
T
Bits
Integral Linearity
±0.75
±2
±0.5
±1
LSB
Integral Linearity Match
0.5
T
LSB
Differential Linearity
–0.9
±0.6
T
±0.4
LSB
Bipolar Offset Error
Referenced to REFIN
±0.75
±4
±0.5
±3
LSB
Bipolar Offset Error Match
3
T
LSB
Positive Gain Error
Referenced to REFIN
±0.15
±0.75
±0.1
±0.5
% of FSR
Positive Gain Error Match
3
T
LSB
Negative Gain Error
Referenced to REFIN
±0.15
±0.75
±0.1
±0.5
% of FSR
Negative Gain Error Match
3
T
LSB
Common-Mode Rejection Ratio
At DC
84
T
dB
VIN = ±1.25Vp-p at 50kHz
80
T
dB
Noise
120
T
µVrms
Power Supply Rejection Ratio
0.3
2
TT
LSB
SAMPLING DYNAMICS
Conversion Time per A/D
1.75
T
µs
Acquisition Time
0.25
T
µs
Throughput Rate
500
T
kHz
Aperture Delay
3.5
T
ns
Aperture Delay Matching
100
T
ps
Aperture Jitter
50
T
ps
Small-Signal Bandwidth
40
T
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = ±2.5Vp-p at 100kHz
–75
T
dB
SINAD
VIN = ±2.5Vp-p at 100kHz
71
T
dB
Spurious Free Dynamic Range
VIN = ±2.5Vp-p at 100kHz
78
T
dB
Channel-to-Channel Isolation
VIN = ±2.5Vp-p at 50kHz
–76
T
dB
VOLTAGE REFERENCE
Internal Reference Voltage
2.475
2.5
2.525
TTT
V
Internal Drift
10
T
ppm/
°C
Internal Noise
50
T
µVp-p
Internal Source Current
2
T
mA
Internal Load Rejection
0.005
T
mV/
µA
Internal PSRR
80
T
dB
External Reference Voltage Range
1.2
2.5
2.6
TTT
V
Input Current
100
T
µA
Input Capacitance
5
T
pF
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels: VIH
IIH = +5µA
3.0
+VD + 0.3
TT
V
VIL
IIL = +5µA
–0.3
0.8
TT
V
VOH
IOH = –500µA
3.5
T
V
VOL
IOL = –500µA
0.4
T
V
External Clock
0.2
8
TT
MHz
Data Format
Binary Two’s Complement
T
POWER SUPPLY REQUIREMENTS
Power Supply Voltage, +VA, +VD
4.75
5
5.25
TTT
V
Quiescent Current, +VA, +VD
10
T
mA
Power Dissipation
50
T
mW
T Specifications same as ADS7864Y.


Similar Part No. - ADS7864

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250 TI1-ADS7864Y/250 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250G4 TI1-ADS7864Y/250G4 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/2K TI1-ADS7864Y/2K Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7864

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864 TI1-ADS7864_14 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com