Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8030AR-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD8030AR-REEL
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030AR-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD8030AR-REEL Datasheet HTML 1Page - Analog Devices AD8030AR-REEL Datasheet HTML 2Page - Analog Devices AD8030AR-REEL Datasheet HTML 3Page - Analog Devices AD8030AR-REEL Datasheet HTML 4Page - Analog Devices AD8030AR-REEL Datasheet HTML 5Page - Analog Devices AD8030AR-REEL Datasheet HTML 6Page - Analog Devices AD8030AR-REEL Datasheet HTML 7Page - Analog Devices AD8030AR-REEL Datasheet HTML 8Page - Analog Devices AD8030AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, High Speed
Rail-to-Rail Input/Output Amplifier
AD8029/AD8030/AD8040
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Low power
1.3 mA supply current/amplifier
High speed
125 MHz, –3 dB bandwidth (G = +1)
60 V/µs slew rate
80 ns settling time to 0.1%
Rail-to-rail input and output
No phase reversal, inputs 200 mV beyond rails
Wide supply range: 2.7 V to 12 V
Offset voltage: 6 mV max
Low input bias current
+0.7 µA to –1.5 µA
Small packaging
SOIC-8, SC70-6, SOT23-8, SOIC-14, TSSOP-14
APPLICATIONS
Battery-powered instrumentation
Filters
A-to-D drivers
Buffering
CONNECTION DIAGRAMS
NC = NO CONNECT
NC
1
–IN
2
+IN
3
–VS 4
DISABLE
+VS
VOUT
NC
8
7
6
5
VOUT 1
–VS 2
+IN
3
5
DISABLE
6
+VS
4
–IN
+–
Figure 1. SOIC-8 (R)
Figure 2. SC70-6 (KS)
VOUT 1 1
–IN 1
2
+IN 1
3
–VS 4
+VOUT 2
+VS
–IN 2
+IN 2
8
7
6
5
+VS 4
+IN 2
5
–IN 2
6
VOUT 2 7
+IN 3
–VS
–IN 3
VOUT 3
11
10
9
8
VOUT 1 1
–IN 1
2
+IN 1
3
VOUT 4
–IN 4
+IN 4
14
13
12
Figure 3. SOIC-8(R) and
SOT23-8 (RJ)
Figure 4. SOIC-14 (R) and
TSSOP-14 (RU)
GENERAL DESCRIPTION
The AD8029 (single), AD8030 (dual), and AD8040 (quad) are
rail-to-rail input and output high speed amplifiers with a
quiescent current of only 1.3 mA per amplifier. Despite their
low power consumption, the amplifiers provide excellent
performance with 125 MHz small signal bandwidth and
60 V/µs slew rate. ADI’s proprietary XFCB process enables high
speed and high performance on low power.
This family of amplifiers exhibits true single-supply operation
with rail-to-rail input and output performance for supply
voltages ranging from 2.7 V to 12 V. The input voltage range
extends 200 mV beyond each rail without phase reversal. The
dynamic range of the output extends to within 40 mV of each
rail.
The AD8029/AD8030/AD8040 provide excellent signal quality
with minimal power dissipation. At G = +1, SFDR is –72 dBc at
1 MHz and settling time to 0.1% is only 80 ns. Low distortion
and fast settling performance make these amplifiers suitable
drivers for single-supply A/D converters.
The versatility of the AD8029/AD8030/AD8040 allows the user
to operate the amplifiers on a wide range of supplies while
consuming less than 6.5 mW of power. These features extend
the operation time in applications ranging from battery-
powered systems with large bandwidth requirements to high
speed systems where component density requires lower power
dissipation.
The AD8029/AD8030 are the only low power, rail-to-rail input
and output high speed amplifiers available in SOT23 and SC70
micro packages. The amplifiers are rated over the extended
industrial temperature range, –40°C to +125°C.
TIME (
µs)
03679-A-010
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
µs/DIV
G = +1
VS = +5V
RL = 1kΩ TIED TO MIDSUPPLY
INPUT
OUTPUT
Figure 5. Rail-to-Rail Response


Similar Part No. - AD8030AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8030AR-EBZ AD-AD8030AR-EBZ Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
More results

Similar Description - AD8030AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029 Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com