Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM5S2025 Datasheet(PDF) 2 Page - Coto Technology

Part # CM5S2025
Description  Molded Ultra-Mini DYAD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CM5S2025 Datasheet(HTML) 2 Page - Coto Technology

  CM5S2025 Datasheet HTML 1Page - Coto Technology CM5S2025 Datasheet HTML 2Page - Coto Technology CM5S2025 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CM5
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
Molded Ultra-Mini DYAD
Parameter
Min
Typ
Max
Units
Switching Voltage
CM5 - Molded Ultra Mini-DYAD
-
-
175
Volts
Switching Current
CM5 - Molded Ultra Mini-DYAD
-
-
0.25
Amps
Carry Current
CM5 - Molded Ultra Mini-DYAD
-
-
0.50
Amps
Switching Frequency
CM5 - Molded Ultra Mini-DYAD
-
-
500
Hz
Contact Resistance
CM5 - Molded Ultra Mini-DYAD
-
-
300
m
(See detailed specifications for more information.)
Specifications
All parameters are at 25
°C unless otherwise stated.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Contact Ratings
Operate ampere turns range
Full Blade Tolerance =
± 1.5NI
AT
10
-
30
NI
Release ampere turns range
Full Blade Tolerance =
± 1.5NI
AT
5
-
30
NI
5Switching Voltage
Max DC/PeakAC Resistive
V
L
-
-
175
VDC
Switching Current
Max DC/PeakAC Resistive
I
L
-
-
250
mAmps
Carry Current
Max DC/PeakAC Resistive
I
C
-
-
0.5
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
-
5
VA
Life Expectancy
1V, 10mA Signal Level
-
-
1000
-
x106 Ops
10V, 10mA Low Level
-
-
500
-
-x106 Ops
50V, 100mA Telecom Load
-
-
2
-
x106 Ops
100V, 100mA Rated Loads
-
-
2
-
x106 Ops
Static Contact Resistance
50mV, 10mA(1)
CR
-
120
300
m
Contact Material
-
-
Ru
-
-
Switch Specifications
Insulation Resistance(2)
100V, 25
°C, 40% RH
IR
109
1011
-
Capacitance
Across Open Contacts
-
-
0.3
-
pF
Dielectric Strength(5)
Between Contacts
-
200
-
-
VDC/Peak AC
Operate Time,
At nominal coil voltage,
T
OP
-
-
0.4
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression(3)
T
REL
-
-
0.1
ms
Environmental Ratings
Storage Temperature
T
A
-40
-
+125
˚C
Operating Temperature
T
O
-40
-
+125
˚C
Soldering Temperature
-
-
-
+265
˚C
Vibration
5Hz - 200Hz
G
-
-
20
-Gs
Shock
11
±1ms, 1/
2 Sine Wave
S
-
-
30
Gs
Shock - survivability
11
±1ms, 1/
2 Sine Wave
S
-
-
500
Gs
(1) Contact resistance measured with 4 terminal method, 1.1" between test leads
(2) >1012
Ω is available upon request
(3) A 24V zener in series with a diode across the coil
(4) Use caution not to exceed vibration resistance limits while ultrasonically cleaning. Contact SRC Devices.
Engineering for more details/ recommendations
(5) 15 ampere turn minimum
SRC DEVICES
2
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422
www.srcdevices.com


Similar Part No. - CM5S2025

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5S2025 CLARE-CM5S2025 Datasheet
316Kb / 4P
   Molded Ultra-Mini DYAD?
More results

Similar Description - CM5S2025

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
316Kb / 4P
   Molded Ultra-Mini DYAD?
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
UM2 CLARE-UM2 Datasheet
338Kb / 4P
   Ultra-Mini Dyad
CM15 CLARE-CM15 Datasheet
318Kb / 4P
   Molded DYAD
MN2 CLARE-MN2 Datasheet
404Kb / 5P
   Mini-Dyad
FR2 CLARE-FR2 Datasheet
446Kb / 5P
   Dyad
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
   Overmolded DYAD
logo
Rohm
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com