Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP940CJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP940CJ
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP940CJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP940CJ Datasheet HTML 1Page - National Semiconductor (TI) COP940CJ Datasheet HTML 2Page - National Semiconductor (TI) COP940CJ Datasheet HTML 3Page - National Semiconductor (TI) COP940CJ Datasheet HTML 4Page - National Semiconductor (TI) COP940CJ Datasheet HTML 5Page - National Semiconductor (TI) COP940CJ Datasheet HTML 6Page - National Semiconductor (TI) COP940CJ Datasheet HTML 7Page - National Semiconductor (TI) COP940CJ Datasheet HTML 8Page - National Semiconductor (TI) COP940CJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
7.0V
Voltage at any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC pin (Source)
80 mA
Total Current out of GND pin (sink)
80 mA
Storage Temperature Range
−65˚C to +150˚C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur.
DC and AC electrical specifications are not ensured when operating the de-
vice at absolute maximum ratings.
DC Electrical Characteristics
−0˚C
≤ T
A ≤ + 70˚C for COP94x and −40˚C ≤ TA ≤ +85˚C for all others
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
Brown Out Disabled
2.5
6.0
V
COP94xCJ
Brown Out Disabled
2.5
4.5
V
COP94xCJH
Brown Out Disabled
4.5
6.0
V
Power Supply Ripple 1 (Note 2)
Peak to Peak
0.1 V
CC
V
Supply Current (Note 3)
CKI = 10 MHz
V
CC = 6V, tc = 1 µs
6.0
mA
CKI = 4 MHz
V
CC = 6V, tc = 2.5 µs
3.5
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5 µs
2.0
mA
CKI = 1 MHz
V
CC = 4.0V, tc = 10 µs
1.5
mA
HALT Current with Brown Out
Disabled (Note 4)
V
CC = 6V, CKI = 0 MHz
<110
µA
HALT Current with Brown Out
Enabled
V
CC = 6V, CKI = 0 MHz
<50
110
µA
COP840CJ Supply Current (Note
3)
CKI = 10 MHz, R = 2.2k
V
CC = 6V, tc = 1 µs
8.0
mA
CKI = 4 MHz, R = 4.7k
V
CC = 6V, tc = 2.5 µs
6.0
mA
CKI = 4 MHz, R = 4.7k
V
CC = 4.5V, tc = 2.5 µs
2.5
mA
CKI = 1 MHz, R = 20k
V
CC = 4.5V, tc = 10 µs
1.5
mA
HALT Current with Brown Out
Disabled
V
CC = 6V, CKI = 0 MHz
<2.2
8
µA
HALT Current with Brown Out
Enabled
V
CC = 6V, CKI = 0 MHz
<50
100
µA
Brown Out Trip Level (Brown Out
Enabled)
1.8
3.1
4.2
V
COP840CJ Brown Out Trip Level
(Brown Out Enabled)
1.9
3.1
3.9
V
INPUT LEVELS (V
IH,VIL)
Reset, CKI:
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 6.0V
−2
+2
µA
Input Pullup Current
V
CC = 6.0V, VIN = 0V
−40
−250
µA
L- and G-Port Hysteresis (Note 6)
COP840CJ
0.05 V
CC
0.35 V
CC
V
www.national.com
4


Similar Part No. - COP940CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP940CJ NSC-COP940CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
More results

Similar Description - COP940CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com