Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC08VN Datasheet(PDF) 2 Page - Anachip Corp

Part # AM24LC08VN
Description  2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC08VN Datasheet(HTML) 2 Page - Anachip Corp

  AM24LC08VN Datasheet HTML 1Page - Anachip Corp AM24LC08VN Datasheet HTML 2Page - Anachip Corp AM24LC08VN Datasheet HTML 3Page - Anachip Corp AM24LC08VN Datasheet HTML 4Page - Anachip Corp AM24LC08VN Datasheet HTML 5Page - Anachip Corp AM24LC08VN Datasheet HTML 6Page - Anachip Corp AM24LC08VN Datasheet HTML 7Page - Anachip Corp AM24LC08VN Datasheet HTML 8Page - Anachip Corp AM24LC08VN Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM24LC08
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
2/10
ATC
Block Diagrams
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE
ADDRESS
REGISTER
&
COMPARATOR
WORD
ADDRESS
COUNTER
H.V.
GENERATION
TIMING
&
CONTROL
XDEC
EEPROM
ARRAY
64x16x8
YDEC
DATA
REGISTER
DOUT
ACK
WP
SDA
SCL
A2
VCC
VSS
Din
R/W ~ , device
address bit A0
Dout
inc
load
ck
start cycle
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Storage Temperature
TS
-65 to + 125
°C
Voltage with Respect to Ground
-0.3 to + 6.5 V
V
Note: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the
part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias
Values
Unit
AM24LC08
0 to + 70
°C
AM24LC08I
-40 to + 85
°C
AM24LC08V
-40 to +125
°C


Similar Part No. - AM24LC08VN

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC08VN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com