Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF3M-2215-1B-R100 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF3M-2215-1B-R100
Description  Rotary Backlock Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF3M-2215-1B-R100 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF3M-2215-1B-R100 Datasheet HTML 1Page - Omron Electronics LLC XF3M-2215-1B-R100 Datasheet HTML 2Page - Omron Electronics LLC XF3M-2215-1B-R100 Datasheet HTML 3Page - Omron Electronics LLC XF3M-2215-1B-R100 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XF3M
Rotary Backlock Connector (0.5-mm Pitch, 1.0-mm Pitch, Dual Contact, Upper Contact)
15
XF3M 0.5-mm pitch model
■ Dimensions
XF3M-
@@15-1B
XF3M-
@@15-1BE
XF3M-
@@15-1D
XF3M-
@@25-1B
■ Ordering Information
● Dual Contact Models - Gold plating
1500pcs per reel
1000pcs per reel
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
(4)
XF3M-0415-1B
16
XF3M-1615-1B
29
XF3M-2915-1B
(42)
XF3M-4215-1B
1,500
(5)
XF3M-0515-1B
17
XF3M-1715-1B
30
XF3M-3015-1B
45
XF3M-4515-1B
6
XF3M-0615-1B
18
XF3M-1815-1B
31
XF3M-3115-1B
50
XF3M-5015-1B
7
XF3M-0715-1B
19
XF3M-1915-1B
32
XF3M-3215-1B
(51)
XF3M-5115-1B
8
XF3M-0815-1B
20
XF3M-2015-1B
33
XF3M-3315-1B
(53)
XF3M-5315-1B
9
XF3M-0915-1B
21
XF3M-2115-1B
34
XF3M-3415-1B
(54)
XF3M-5415-1B
10
XF3M-1015-1B
22
XF3M-2215-1B
(35)
XF3M-3515-1B
(55)
XF3M-5515-1B
11
XF3M-1115-1B
23
XF3M-2315-1B
36
XF3M-3615-1B
(57)
XF3M-5715-1B
12
XF3M-1215-1B
24
XF3M-2415-1B
37
XF3M-3715-1B
60
XF3M-6015-1B
13
XF3M-1315-1B
25
XF3M-2515-1B
(38)
XF3M-3815-1B
14
XF3M-1415-1B
26
XF3M-2615-1B
40
XF3M-4015-1B
15
XF3M-1515-1B
28
XF3M-2815-1B
41
XF3M-4115-1B
Pins*1
Model
80
XF3M-8015-1BE
Slider
FPC insertion dimension
Housing
Hold-down
Terminal No.1
Contacts
1.3
Effective stacking length
1.2
Effective stacking length
A
(1.8)
0.5
(1.8)
0.15
C
B
5.2
5.7
(3.13)
(3.13)
1.2
(3.43)*1
0.5
4.05
2.49
Model with dual contacts
Unlocked
*1
D
*1
Model with single-sided contacts (upper contacts) *2
Unlocked
Locked
6.7
6.4
2
(0.5)
(0.5)
A±0.05
0.5±0.05
G±0.1
0.3±0.03
(0.45)
PCB Dimensions (TOP VIEW)
0.5±0.1
3.5MIN
A±0.05
0.5±0.05
E±0.07
0.35±0.03(FPC)
0.30±0.03(FFC)
0.3±0.05
4.5MIN
(REINFORCEMENT)
2-R0.2
Recommended FPC/FFC
Dimensions
(1.3)
Effective
stacking length
F±0.1
1.3±0.1
1.5±0.1
2.2±0.1
(1.2)
*2
Table of Dimension
Pins*1
A
BCD
E
F
G
4
1.5
5.1
6.1
2.55
2.5
3.5
7.1
5
2.0
5.6
6.6
3.05
3.0
4.0
7.6
6
2.5
6.1
7.1
3.55
3.5
4.5
8.1
7
3.0
6.6
7.6
4.05
4.0
5.0
8.6
8
3.5
7.1
8.1
4.55
4.5
5.5
9.1
9
4.0
7.6
8.6
5.05
5.0
6.0
9.6
10
4.58.19.1
5.555.56.5
10.1
11
5.08.69.6
6.056.07.0
10.6
12
5.5
9.1
10.1
6.55
6.5
7.5
11.1
13
6.0
9.6
10.6
7.05
7.0
8.0
11.6
14
6.5
10.1
11.1
7.55
7.5
8.5
12.1
15
7.0
10.6
11.6
8.05
8.0
9.0
12.6
16
7.5
11.1
12.1
8.55
8.5
9.5
13.1
17
8.0
11.6
12.6
9.05
9.0
10.0
13.6
18
8.5
12.1
13.1
9.55
9.5
10.5
14.1
19
9.0
12.6
13.6 10.05
10.0
11.0
14.6
20
9.5
13.1
14.1 10.55
10.5
11.5
15.1
21
10.0
13.6
14.6 11.05
11.0
12.0
15.6
22
10.5
14.1
15.1 11.55
11.5
12.5
16.1
23
11.0
14.6
15.6 12.05
12.0
13.0
16.6
24
11.5
15.1
16.1 12.55
12.5
13.5
17.1
25
12.0
15.6
16.6 13.05
13.0
14.0
17.6
26
12.5
16.1
17.1 13.55
13.5
14.5
18.1
28
13.5
17.1
18.1 14.55
14.5
15.5
19.1
29
14.0
17.6
18.6 15.05
15.0
16.0
19.6
30
14.5
18.1
19.1 15.55
15.5
16.5
20.1
31
15.0
18.6
19.6 16.05
16.0
17.0
20.6
32
15.5
19.1
20.1 16.55
16.5
17.5
21.1
33
16.0
19.6
20.6 17.05
17.0
18.0
21.6
34
16.5
20.1
21.1 17.55
17.5
18.5
22.1
35
17.0
20.6
21.6 18.05
18.0
19.0
22.6
36
17.5
21.1
22.1 18.55
18.5
19.5
23.1
37
18.0
21.6
22.6 19.05
19.0
20.0
23.6
38
18.5
22.1
23.1 19.55
19.5
20.5
24.1
40
19.5
23.1
24.1 20.55
20.5
21.5
25.1
41
20.0
23.6
24.6 21.05
21.0
22.0
25.6
42
20.5
24.1
25.1 21.55
21.5
22.5
26.1
45
22.0
25.6
26.6 23.05
23.0
24.0
27.6
50
24.5
28.1
29.1 25.55
25.5
26.5
30.1
51
25.0
28.6
29.6 26.05
26.0
27.0
30.6
53
26.0
29.6
30.6 27.05
27.0
28.0
31.6
54
26.5
30.1
31.1 27.55
27.5
28.5
32.1
55
27.0
30.6
31.6 28.05
28.0
29.0
32.6
57
28.0
31.6
32.6 29.05
29.0
30.0
33.6
60
29.5
33.1
34.1 30.55
30.5
31.5
35.1
80
39.5
43.1
44.1 40.55
40.5
41.5
45.1
*1.
Dotted lines indicate the shape and dimensions of the XF3M-8015-1BE Connectors.
*2.
For the XF3M-
@@25-1B Connectors.


Similar Part No. - XF3M-2215-1B-R100

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3006-VOCMC XFMRS-XF3006-VOCMC Datasheet
37Kb / 1P
   COMMON MODE CHOKE
XF3006C-EP7S XFMRS-XF3006C-EP7S Datasheet
57Kb / 1P
   TRANSFORMER
XF3009-VO1 XFMRS-XF3009-VO1 Datasheet
35Kb / 1P
   TORODIAL INDUCTOR
XF303015-2R2M XFMRS-XF303015-2R2M Datasheet
46Kb / 1P
   SMD INDUCTOR
XF30438 XFMRS-XF30438 Datasheet
42Kb / 1P
   TRANSFORMER
More results

Similar Description - XF3M-2215-1B-R100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M OMRON-XF2M Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2B OMRON-XF2B Datasheet
323Kb / 4P
   Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
   Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
   Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3Z OMRON-XF3Z Datasheet
317Kb / 2P
   Rotary Frontlock Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com