Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC08NA Datasheet(PDF) 5 Page - Anachip Corp

Part # AM24LC08NA
Description  2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC08NA Datasheet(HTML) 5 Page - Anachip Corp

  AM24LC08NA Datasheet HTML 1Page - Anachip Corp AM24LC08NA Datasheet HTML 2Page - Anachip Corp AM24LC08NA Datasheet HTML 3Page - Anachip Corp AM24LC08NA Datasheet HTML 4Page - Anachip Corp AM24LC08NA Datasheet HTML 5Page - Anachip Corp AM24LC08NA Datasheet HTML 6Page - Anachip Corp AM24LC08NA Datasheet HTML 7Page - Anachip Corp AM24LC08NA Datasheet HTML 8Page - Anachip Corp AM24LC08NA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM24LC08
Anachip Corp.
www.anachip.com.tw
Rev.A1 Sep 16, 2003
5/10
ATC
Functional Description (Continued)
Devices Addressing
After generating a START condition, the bus master
transmits the slave address consisting of a 4-bit
device code (1010) for the AM24LC08, 3-bit device
address (A2 A1 A0) and 1-bit value indicating the
read or write mode. All I
2C EEPROMs use and
internal protocol that defines a PAGE BLOCK size of
8K bits. The eighth bit of slave address determines if
the master device wants to read or write to the
AM24LC08. (Refer to table B).
The
AM24LC08
monitor
the
bus
for
its
corresponding slave address all the time. It
generates an acknowledge bit if the slave address
was true and it is not in a programming mode.
Table B
Operation
Control Code
Chip
Select
R/W
Read
Write
1010
1010
A2 A1 A0
A2 A1 A0
1
0
A2 are used to access device address for
AM24LC08; A0, A1 are no connect.
Write Operations
Byte Write
Following the start signal from the master, the slave
address is placed onto the bus by the master
transmitter. This indicates to the addressed slave
receiver that a byte with a word address will follow
after it has generated a acknowledge bit during the
ninth clock cycle.
Therefore the next byte transmitted by the master is
the word address and will be written into the address
pointer of the AM24LC08. After receiving another
acknowledge signal from the AM24LC08 the master
device will transmit the data word to be written into
the addressed memory location. The AM24LC08
acknowledges again and the master generates a
stop condition. This initiates the internal write cycle,
and during this period the AM24LC08 will not
generate acknowledge signals. (Shown in Figure 4)
Page Write
The write control byte, word address and the first
data byte are transmitted to the AM24LC08 in the
same way as in a byte write. But instead of
generating a stop condition the master transmit up
to 16 data bytes to the AM24LC08 which are
temporarily stored in the on-chip page buffer and will
be written into the memory after the master has
transmitted a stop condition. After the receipt of
each byte, the four lower order address pointer bits
are internally incremented by one. The higher order
six bits of the word address remains constant. If the
master should transmit more than 16 bytes prior to
generating the stop condition, the address counter
will roll over and the previously received data will be
overwritten. As with the byte write operation, once
the stop condition is received an internal write cycle
will begin. (Shown in Figure 5).
Acknowledge Polling
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle
is complete (this feature can be used to maximize
bus throughout). Once the stop condition for a write
command has been issued from the master, the
device initiates the internally timed write cycle. ACK
polling can be initiated immediately. This involves
the master sending a start condition followed by the
control byte for a write command (R/W = 0). If the
device is still busy with the write cycle , then no ACK
will returned. If the cycle is complete then the device
will return the ACK and the master can then proceed
with the next read or write commands.
Write Protection
Programming will not take place if the WP pin of the
AM24LC08 is connected to Vcc. The AM24LC08 will
accept slave and byte addresses. But if the memory
accessed is write protected by the WP pin, the
AM24LC08 will not generate an acknowledge after
the first byte of data has been received, and thus the
programming cycle will not be started when the stop
condition is asserted.
Read Operations
Read operations are initiated in the same way as
write operations with the exception that the R/W bit
of the slave address is set to one. There are three
basic types of read operations: current address read,
random read, and sequential read.


Similar Part No. - AM24LC08NA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC08NA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com