Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66206231722 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 66206231722
Description  3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER SMT SOLDER TAB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

66206231722 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  66206231722 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 66206231722 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 66206231722 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
20-JAN-2015
PROJECTION
QP
APPROVAL:
UNIT: MM
DESCRIPTION: 3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER
SMT SOLDER TAB
SCALE:
SHEET: 1/3
WERI PART NO: 662 0xx 231 722
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: LCP
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: TIN
QUALITY CLASS: 25 MATING CYCLES
PITCH: 3.00MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 105°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING:5A
WORKING VOLTAGE: 250V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 1500V AC/MN
CONTACT RESISTANCE: 10 mOHM MAX
STANDARD
CERTIFIED: E323964
SOLDERING
PACKAGING
TRAY
DIMENSION
A = 3.00 x (NB. PIN / 2 - 1)
B = 3.00 x (NB. PIN / 2 + 1) + 0.70
JEDEC LEAD FREE REFLOW SOLDERING PROCESS
I
02-JUL-15
PINNING
AK
CKT.#1
CKT.#2
LAST CKT.


Similar Part No. - 66206231722

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6620002-1 MACOM-6620002-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620004-1 MACOM-6620004-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620005-1 MACOM-6620005-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620009-1 MACOM-6620009-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
logo
Wurth Elektronik GmbH &...
66200221122 WURTH-66200221122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
More results

Similar Description - 66206231722

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
   .100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
   100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
logo
Wurth Elektronik GmbH &...
662305131822 WURTH-662305131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
662306131822 WURTH-662306131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
logo
Molex Electronics Ltd.
0430451011 MOLEX1-0430451011_18 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 10 Circuits, with Solder Tab
logo
Wurth Elektronik GmbH &...
662303131822 WURTH-662303131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
662304131822 WURTH-662304131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
logo
Molex Electronics Ltd.
0430450611 MOLEX1-0430450611_18 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 6 Circuits, with Solder Tab
0430451209 MOLEX5-0430451209 Datasheet
188Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Right Angle, with Solder Tab, 12 Circuits
0430450610 MOLEX5-0430450610 Datasheet
192Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Right Angle, with Solder Tab, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com