Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4930 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4930
Description  Dual 3:1 Clickless Audio Multiplexers with Negative-Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4930 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4930 Datasheet HTML 1Page - Maxim Integrated Products MAX4930 Datasheet HTML 2Page - Maxim Integrated Products MAX4930 Datasheet HTML 3Page - Maxim Integrated Products MAX4930 Datasheet HTML 4Page - Maxim Integrated Products MAX4930 Datasheet HTML 5Page - Maxim Integrated Products MAX4930 Datasheet HTML 6Page - Maxim Integrated Products MAX4930 Datasheet HTML 7Page - Maxim Integrated Products MAX4930 Datasheet HTML 8Page - Maxim Integrated Products MAX4930 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
(All voltages referenced to GND.)
VCC, CB_ .............................................................-0.3V to +6.0V
X, X_, Y, Y_ ......................................(VCC - 6V) to (VCC + 0.3V)
Continuous Current X, X_, Y, Y_....................................±300mA
Peak Current X, X_, Y, Y_ (pulsed at 1ms,
50% Duty Cycle).........................................................±400mA
Peak Current X, X_, Y, Y_ (pulsed at 1ms,
10% Duty Cycle).........................................................±500mA
Continuous Power Dissipation (TA = +70°C)
12-Bump WLP (derate 8.5mW/°C above +70°C)............678mW
14-Pin TDFN, Single-Layer Board
(derate 18.5mW/°C above +70°C) ............................1482mW
14-Pin TDFN, Multilayer Board
(derate 24.4mW/°C above +70°C) ............................1951mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
1.8
5.5
V
Supply Current
ICC
VCC = +5.5V, VCB_ = 0V or VCC
0.05
2
µA
VCC = +2.7V, VCB_ = +0.5V or +1.4V
4
VCC = +5.5V, VCB_ = +0.5V or +1.4V
8
ANALOG SWITCH
Analog Signal Range (Note 2) VX_, VY_,
VX, VY
VCC -
5.5V
VCC
V
On-Resistance (Note 3)
RON
VCC = +2.7V; VX_ = VY_ =
VCC - 5.5V; -1V, 0V, +1V, +2V,
VCC; IX_ = IY_ = 100mA
TA = +25°C
0.38
0.75
TA = TMIN to TMAX
0.8
On-Resistance Match Between
Channels (Notes 3 and 4)
ΔRON
Between X0 and Y0, X1 and Y1, X2 and Y2;
VCC = +2.7V; VX_ or VY_ = 0V; IX_ = IY_= 100mA
0.1
On-Resistance Flatness
(Notes 3 and 5)
RFLAT
VCC = +2.7V; VX_ = VY_ = VCC - 5.5V,
-1V, 0, +1V, +2V, VCC; IX_ = IY_ = 100mA
0.35
Shunt Switch Resistance
RSH
2
3.8
6
kΩ
X0, Y0 Off-Leakage Current
(MAX4909/MAX4930/MAX4932)
IL(OFF)
VCC = +2.7V, switch open,
VX0 or VY0 = -2.5V or +2.5V,
VX or VY = +2.5V or -2.5V
TA = +25°C
-50
+50
nA
TA = TMIN to TMAX -200
+200
X1, Y1 Off-Leakage Current
(MAX4930/MAX4932)
VCC = +2.7V, switch open,
VX1 or VY1 = -2.5V or +2.5V,
VX or VY = +2.5V or -2.5V
TA = +25°C
-50
+50
TA = TMIN to TMAX -200
+200
X2, Y2 Off-Leakage Current
(MAX4932)
VCC = +2.7V, switch open,
VX2 or VY2 = -2.5V or +2.5V,
VX or VY = +2.5V or -2.5V
TA = +25°C
-50
+50
TA = TMIN to TMAX -200
+200
X, Y On-Leakage Current
IL(ON)
VCC = +2.7V, switch closed,
VX0 or VY0 = -2.5V or +2.5V
or unconnected, VX = VY = -2.5V
or +2.5V or floating
TA = +25°C
-100
+100
nA
TA = TMIN to TMAX -300
+300
MAX4908/MAX4909/
MAX4930/MAX4932
Dual 3:1 Clickless Audio Multiplexers
with Negative-Signal Handling
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics


Similar Part No. - MAX4930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4936 MAXIM-MAX4936 Datasheet
1Mb / 19P
   Octal High-Voltage Transmit/Receive Switches
Rev 1; 3/11
MAX4936CTN MAXIM-MAX4936CTN Datasheet
1Mb / 19P
   Octal High-Voltage Transmit/Receive Switches
Rev 1; 3/11
MAX4937CTN MAXIM-MAX4937CTN Datasheet
1Mb / 19P
   Octal High-Voltage Transmit/Receive Switches
Rev 1; 3/11
MAX4938CTN MAXIM-MAX4938CTN Datasheet
1Mb / 19P
   Octal High-Voltage Transmit/Receive Switches
Rev 1; 3/11
MAX4939CTN MAXIM-MAX4939CTN Datasheet
1Mb / 19P
   Octal High-Voltage Transmit/Receive Switches
Rev 1; 3/11
More results

Similar Description - MAX4930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
IDTHS231P16 IDT-IDTHS231P16 Datasheet
204Kb / 10P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
   Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com