Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11312 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11312
Description  PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11312 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11312 Datasheet HTML 1Page - Maxim Integrated Products MAX11312 Datasheet HTML 2Page - Maxim Integrated Products MAX11312 Datasheet HTML 3Page - Maxim Integrated Products MAX11312 Datasheet HTML 4Page - Maxim Integrated Products MAX11312 Datasheet HTML 5Page - Maxim Integrated Products MAX11312 Datasheet HTML 6Page - Maxim Integrated Products MAX11312 Datasheet HTML 7Page - Maxim Integrated Products MAX11312 Datasheet HTML 8Page - Maxim Integrated Products MAX11312 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
General Description
The MAX11312 integrates a PIXI™, 12-bit, multichannel,
analog-to-digital converter (ADC) and a 12-bit, multichannel,
buffered digital-to-analog converter (DAC) in a single
integrated circuit. This device offers 12 mixed-signal high-
voltage, bipolar ports, which are configurable as an ADC
analog input, a DAC analog output, a general purpose
input (GPI), a general-purpose output (GPO), or an analog
switch terminal. One internal and two external temperature
sensors track junction and environmental temperature.
Adjacent pairs of ports are configurable as a logic-level
translator for open-drain devices or an analog switch.
PIXI ports provide highly flexible hardware configuration
for 12-bit mixed-signal applications. The MAX11312 is best
suited for applications that demand a mixture of analog
and digital functions. Each port is individually configurable
with up to four selectable voltage ranges within the -10V
to +10V range.
The device allows for the averaging of 2, 4, 8, 16, 32,
64, or 128 ADC samples from each ADC-configured
port to improve noise performance. A DAC-configured output
port can drive up to 25mA. The GPIO ports can be
programmed to user-defined logic levels, and a GPI
coupled with a GPO forms a logic-level translator.
Internal and external temperature measurements monitor
programmable conditions of minimum and maximum
temperature limits, using the interrupt to notify the host if one
or more conditions occur. The temperature measurement
results are made available through the serial interface.
The device features an internal, low-noise 2.5V voltage
reference and provides the option to use external voltage
references with separate inputs for the DAC and ADC.
The MAX11312 uses a 400kHz I2C-compatible serial
interface, operating from a 5V analog supply and a 1.8V
to 5.0V digital supply. The PIXI port supply voltages operate
from a wide -12.0V to +12.0V.
The MAX11312 is available in a 32-pin TQFN, 5mm x 5mm
package specified over the -40°C to +105°C temperature
range.
Applications
● Base-Station RF Power Device Bias Controllers
● System Supervision and Control
● Power-Supply Monitoring
● Industrial Control and Automation
● Control for Optical Components
Benefits and Features
● 12 Configurable Mixed-Signal Ports Maximize Design
Flexibility Across Platforms
• Up to 12 12-Bit ADC Inputs
- Single-Ended, Differential, or Pseudo-Differential
- Range Options: 0 to 2.5V, ±5V, 0 to +10V, -10V to 0V
- Programmable Sample Averaging Per ADC Port
- Unique Voltage Reference for Each ADC PIXI Port
• Up to 12 12-Bit DAC Outputs
- Range Options: ±5V, 0 to +10V, -10V to 0V
- 25mA Current Drive Capability with Overcurrent
Protection
• Up to 12 General-Purpose Digital I/Os
- 0 to +5V GPI Input Range
- 0 to +2.5V GPI Programmable Threshold Range
- 0 to +10V GPO Programmable Output Range
- Logic-Level-Shifting Between Any Two Pins
• 60Ω Analog Switch Between Adjacent PIXI Ports
• Internal/External Temperature Sensors, ±1°C Accuracy
● Adapts to Specific Application Requirements and Allows
for Easy Reconfiguration as System Needs Change
● Configurability of Functions Enables Optimized PCB Layout
● Reduces BOM Cost with Fewer Components in a
Small Footprint
• 25mm2 32-Pin TQFN
Ordering Information appears at end of data sheet.
PIXI is a trademark of Maxim Integrated Products, Inc..
19-7945; Rev 0; 2/16
MAX11312
PIXI, 12-Port Programmable Mixed-Signal I/O with
12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
EVALUATION KIT AVAILABLE


Similar Part No. - MAX11312

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11312 MAXIM-MAX11312 Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
MAX11312 MAXIM-MAX11312 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ++ MAXIM-MAX11312GTJ+ Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312GTJ+T MAXIM-MAX11312GTJ+T Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11312PMB MAXIM-MAX11312PMB Datasheet
6Mb / 16P
   Fully Assembled and Tested
Rev 0; 2/16
More results

Similar Description - MAX11312

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11311 MAXIM-MAX11311 Datasheet
3Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
Rev 0; 12/15
MAX11312 MAXIM-MAX11312_V01 Datasheet
2Mb / 54P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
19-7945; Rev 1; 7/19
MAX11311 MAXIM-MAX11311_V01 Datasheet
2Mb / 51P
   PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
MAX11301 MAXIM-MAX11301_V01 Datasheet
2Mb / 55P
   PIXI, 20-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
2019
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
   8-Bit 12-Ch I/O DAC
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com